Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1240 Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC1240
Description  Positive Doubling Charge Pump with Shutdown in SOT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1240 Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

  TC1240 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1240 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
TC1240
Positive Doubling Charge Pump with
Shutdown in SOT Package
TC1240-1 7/7/00
TYPICAL CHARACTERISTICS
Supply Current vs. Supply Voltage
(No Load)
0
100
200
300
400
500
600
700
2.00
3.00
4.00
5.00
6.00
Supply Voltage (V)
Supply Current vs. Temperature
(No Load)
0
50
100
150
200
250
300
350
400
450
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Source Resistance vs. Supply Voltage
(with Rload = 1K)
0
5
10
15
20
2.00
3.00
4.00
5.00
6.00
Supply Voltage (V)
Output Source Resistance vs. Temperature
(with Rload = 1K)
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Voltage Drop Vs Load Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
35
40
45
50
Load Current (mA)
Power Efficiency Vs Load Current
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10
15
20
25
30
35
40
45
50
Load Current (mA)
\
VIN = 4.0V
VIN = 2.8V
VIN = 2.8V
VIN = 4.0V
VIN = 2.8V
VIN = 4.0V
VIN = 2.5V
VIN = 4.0V
VIN = 3.5V


Similar Part No. - TC1240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1240 MICROCHIP-TC1240 Datasheet
858Kb / 11P
   Positive Doubling Charge Pump with Shutdown in SOT Package
2001
TC1240 MICROCHIP-TC1240 Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
TC1240A MICROCHIP-TC1240A Datasheet
253Kb / 18P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240AECH MICROCHIP-TC1240AECH Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
More results

Similar Description - TC1240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1240 MICROCHIP-TC1240 Datasheet
858Kb / 11P
   Positive Doubling Charge Pump with Shutdown in SOT Package
2001
TC1240 MICROCHIP-TC1240_13 Datasheet
253Kb / 18P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com