Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ339 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AZ339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ339 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AZ339 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ339 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339
4
March 2003
Rev.1.0
Advanced Analog Circuits
Data Sheet
Electrical Characteristics
VCC = +5V, TA = 25oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
(Note 2)
2.0
5.0
mV
Input Bias Current
I IN (+) or I IN (-) with output in
linear range, VCM = 0V (Note 3)
25
250
nA
Input Offset Current
I IN (+) - I IN (-), VCM = 0V
5.0
50
nA
Input Common Mode
Voltage Range
VCC = 15V (Note 4)
0
VCC-1.5
V
Supply Current
RL=∞ on all comparators
0.8
2.0
mA
RL=∞, VCC = 18V
1.0
2.5
Voltage Gain
RL ≥ 15KΩ, VCC = 8V,
VO = 1V to 6V
50
200
V/mV
Large Signal
Response Time
VIN = TTL logic swing,
VREF = 1.4V, VRL = 5V, RL = 5.1KΩ
300
ns
Response Time
VRL = 5V, RL = 5.1KΩ (Note 5)
1.3
µs
Output Sink Current
VIN (-) = 1V, VIN (+) = 0,
VO ≤ 1.5V
6.0
16
mA
Saturation Voltage
VIN (-) = 1V, VIN (+) = 0,
ISINK ≤ 4mA
250
400
mV
Output Leakage
Current
VIN (-) = 0, VIN (+) = 0, VO = 5V
0.1
nA
Note 2: At output switch point, VO=1.4V, RS=0 with VCC from 5V to 15V, and over the full common-mode range
(0V to VCC - 1.5V), at 25oC.
Note 3: The direction of the input current is out of the PNP input stage. This current is essentially constant, indepen-
dent of the state of the output, so no loading charge exists on the reference of input lines.
Note 4: The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0.3V. The upper end of the common-mode voltage range is VCC - 1.5V, but either or both inputs can go to
+18V without damage, independent of the magnitude of VCC.
Note 5: The response time specified is a 100mV input step with 5mV overdrive. For large overdrive signals 300ns
can be obtained.


Similar Part No. - AZ339

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ339 BCDSEMI-AZ339 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339M BCDSEMI-AZ339M Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339M-E1 BCDSEMI-AZ339M-E1 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339MTR BCDSEMI-AZ339MTR Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339MTR-E1 BCDSEMI-AZ339MTR-E1 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Similar Description - AZ339

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com