Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP3216SGC Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. AP3216SGC
Description  3.2x1.6mm SMD CHIP LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP3216SGC Datasheet(HTML) 2 Page - Kingbright Corporation

  AP3216SGC Datasheet HTML 1Page - Kingbright Corporation AP3216SGC Datasheet HTML 2Page - Kingbright Corporation AP3216SGC Datasheet HTML 3Page - Kingbright Corporation AP3216SGC Datasheet HTML 4Page - Kingbright Corporation AP3216SGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: CDA0257
REV NO: V.1
DATE: OCT/23/2001
PAGE: 2 OF 5
APPROVED: J.Lu
CHECKED:
DRAWN: Y.F.XU
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
SelectionGuide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
7
2
6
5
6
5
0
9
5
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
5
2
6
8
6
5
8
8
5
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
5
4
0
3
5
3
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
5
1
5
1
0
2
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
0
.
2
2
.
2
1
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
R
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
0
1A
uV
5
=
R
V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
r
y
c
n
e
i
c
if
f
E
h
g
i
Hd
e
r
y
c
n
e
i
c
if
f
E
h
g
i
H
d
e
r
y
c
n
e
i
c
if
f
E
h
g
i
H
d
e
r
y
c
n
e
i
c
if
f
E
h
g
i
Hd
e
r
y
c
n
e
i
c
if
f
E
h
g
i
Hn
e
e
r
G
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
Sw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Ys
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
20
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R5
5
5
V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
4
- °
5
8
+
o
T
C
°C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
C
E
6
1
2
3
P
A)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
HR
A
E
L
C
R
E
T
A
W5
2
0
2
1
C
G
S
6
1
2
3
P
A)
P
a
G
(
N
E
E
R
G
T
H
G
I
R
B
R
E
P
U
SR
A
E
L
C
R
E
T
A
W3
2
0
2
1
C
Y
6
1
2
3
P
A)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
YR
A
E
L
C
R
E
T
A
W2
8
°
0
2
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APC3216XXX3.2 X 1.6MM 1206 SMD CHIP LED 1 Kingbright Corporation
BL-R1138ASTANDARD LED LAMPS RECTANGULAR TYPES 1 2 Yellow Stone Corp
TLMK330Power SMD LED in PLCC-2 Package 1 2 3 4 5 MoreVishay Siliconix
LIST-C155KGJSKTDual color chip LED 1 2 3 4 5 MoreLite-On Technology Corporation
LTST-C170KRKTUltra bright AlInGap Chip LED 1 2 3 4 5 MoreLite-On Technology Corporation
LEF-C5002TFULL COLOR LED LAMPS 1 List of Unclassifed Manufacturers
AND190CRPUltra Bright LED Lamps GaAlAs Red Light Emission T-3 Package 10 mm 1 2 List of Unclassifed Manufacturers
STV223XDI2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR 1 2 3 4 5 MoreSTMicroelectronics
LTST-S220GKTLED for Side looking special for LCD backlight 1 2 3 4 5 MoreLite-On Technology Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn