Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA5050RSAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA5050RSAT
Description  STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA5050RSAT Datasheet(HTML) 2 Page - Texas Instruments

  TPA5050RSAT Datasheet HTML 1Page - Texas Instruments TPA5050RSAT Datasheet HTML 2Page - Texas Instruments TPA5050RSAT Datasheet HTML 3Page - Texas Instruments TPA5050RSAT Datasheet HTML 4Page - Texas Instruments TPA5050RSAT Datasheet HTML 5Page - Texas Instruments TPA5050RSAT Datasheet HTML 6Page - Texas Instruments TPA5050RSAT Datasheet HTML 7Page - Texas Instruments TPA5050RSAT Datasheet HTML 8Page - Texas Instruments TPA5050RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
PIN DESCRIPTIONS
ADD1
LRCLK
SCL
GND
ADD0
ADD2
DATA
11
9
10
12
3
1
2
4
SDA
RSA (QFN)PACKAGE
(TOP VIEW)
FUNCTIONAL BLOCK DIAGRAM
DATA
BCLK
LRCLK
INPUT
BUFFER
OUTPUT
BUFFER
DATA_OUT
CONTROL
2
3
I C
2
ADDx(2:0)
DELAY
MEMORY
TPA5050
SLOS492A – MAY 2006 – REVISED MAY 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
ADD0
10
I
I2C address select pin – LSB
ADD1
11
I
I2C address select pin
ADD2
12
I
I2C address select pin – MSB
BCLK
16
I
Audio data bit clock input for serial input. 5V tolerant input.
DATA
2
I
Audio serial data input for serial input. 5V tolerant input.
DATA_OUT
15
O
Delayed audio serial data output.
GND
5–9, 14
P
Ground – All ground terminals must be tied to GND for proper operation
LRCLK
1
I
Left and Right serial audio sampling rate clock (fs). 5V tolerant input.
SCL
3
I
I2C communication bus clock input. 5V tolerant input.
SDA
4
I/O
I2C communication bus data input. 5V tolerant input.
VDD
13
P
Power supply interface.
Connect to ground. Must be soldered down in all applications to properly secure device on the
Thermal Pad
-
PCB.
2
Submit Documentation Feedback


Similar Part No. - TPA5050RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5050RSAT TI-TPA5050RSAT Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAT TI-TPA5050RSAT Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSATG4 TI-TPA5050RSATG4 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSATG4 TI-TPA5050RSATG4 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Similar Description - TPA5050RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com