Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2171H Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. HAT2171H
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2171H Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT2171H Datasheet HTML 1Page - Renesas Technology Corp HAT2171H Datasheet HTML 2Page - Renesas Technology Corp HAT2171H Datasheet HTML 3Page - Renesas Technology Corp HAT2171H Datasheet HTML 4Page - Renesas Technology Corp HAT2171H Datasheet HTML 5Page - Renesas Technology Corp HAT2171H Datasheet HTML 6Page - Renesas Technology Corp HAT2171H Datasheet HTML 7Page - Renesas Technology Corp HAT2171H Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.4.00 Sep 20, 2005 page 1 of 7
HAT2171H
Silicon N Channel Power MOS FET
Power Switching
REJ03G0131-0400
Rev.4.00
Sep 20, 2005
Features
• High speed switching
• Capable of 7 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 3.8 mtyp. (at VGS = 10 V)
Outline
RENESAS Package code: PTZZ0005DA-A)
(Package name: LFPAK )
1 2
3 4
5
1, 2, 3 Source
4
Gate
5
Drain
G
D
SS S
4
12 3
5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
40
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
40
A
Drain peak current
ID(pulse)
Note1
160
A
Body-drain diode reverse drain current
IDR
40
A
Avalanche current
IAP
Note 2
25
A
Avalanche energy
EAR
Note 2
50
mJ
Channel dissipation
Pch
Note3
25
W
Channel to Case Thermal Resistance
θch-C
5.0
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tch = 25
°C, Rg
≥ 50 Ω
3. Tc = 25
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn