Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24740 Datasheet(PDF) 25 Page - Texas Instruments

Part # BQ24740
Description  Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24740 Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ24740 Datasheet HTML 21Page - Texas Instruments BQ24740 Datasheet HTML 22Page - Texas Instruments BQ24740 Datasheet HTML 23Page - Texas Instruments BQ24740 Datasheet HTML 24Page - Texas Instruments BQ24740 Datasheet HTML 25Page - Texas Instruments BQ24740 Datasheet HTML 26Page - Texas Instruments BQ24740 Datasheet HTML 27Page - Texas Instruments BQ24740 Datasheet HTML 28Page - Texas Instruments BQ24740 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.ti.com
Ci=20 F
m
Ci=40 F
m
( c ) C i = 4 9
( 4 7
e l e c t r o l y t i c a n d 2 x
ceramic)
m
m
m
F
F
F
bq24740
SLUS736 – DECEMBER 2006
APPLICATION INFORMATION (continued)
Figure 31 shows the measured input voltages and currents with different input capacitances. The voltage spike
drops by about 5 V after increasing Ci from 20
µF to 40 µF. The input voltage spike has been dramatically
damped by using a 47 F electrolytic capacitor.
Figure 31. Adapter DC Side Hot Plug-In With Various Input Capacitances
Since the input voltage to the IC is PVCC which is 0.7 V (diode voltage drop) lower than Vc during the adapter
insertion, a 40-
µF input capacitance is normally adequate to keep the PVCC voltage well below the maximum
voltage rating under normal conditions. In case of a higher input stray inductance, the input capacitance may be
increased accordingly. An electrolytic capacitor will help reduce the input voltage spike due to its high ESR.
25
Submit Documentation Feedback


Similar Part No. - BQ24740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI1-BQ24740 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740RHDR TI-BQ24740RHDR Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740RHDR TI1-BQ24740RHDR Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24740RHDRG4 TI1-BQ24740RHDRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
More results

Similar Description - BQ24740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24705 TI-BQ24705 Datasheet
1Mb / 30P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com