Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAJB2106M04R302 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SAJB2106M04R302
Description  Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SAJB2106M04R302 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SAJB2106M04R302 Datasheet HTML 1Page - Sharma Electro Components,Inc SAJB2106M04R302 Datasheet HTML 2Page - Sharma Electro Components,Inc SAJB2106M04R302 Datasheet HTML 3Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL SPECIFICATIONS
CAPACITANCE RANGE: 0.1 µF To 330 µF. VOLTAGE RANGE: 4VDC to 50VDC. CAPACITANCE TOLERANCE: ±20%(M), ±10%(K),
(±5%(J) - UPON REQUEST). TEMPERATURE RANGE: -55 TO +125°C WITH DERATING ABOVE 85°C. ENVIRONMENTAL
CLASSIFICATION: 55/125/56 (IEC68-2). DISSIPATION FACTOR: 0.1 TO 1 µF 4% MAX,1.5 TO 6.8 µF 6% MAX, 10 TO 330 µF 8% MAX.
LEAKAGE CURRENT: NOT MORE THAN 0.01CV µA or 0.5 µA WHICHEVER IS GREATER. FAILURE RATE: 1% PER 1000 HRS.
LIFE TEST DETAILS
CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED AT 85°C FOR 2000 HRS OR DERATED DC VOLTAGE APPLIED AT
125°C FOR 1000 HRS. AFTER THE TEST:
1. CAPACITANCE CHANGE SHALL NOT EXCEED ±10% OF INITIAL VALUE.
2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL SPECIFIED LIMITS.
3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF NORMAL LIMIT.
4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS TO REMAIN LEGIBLE.
INTRODUCTION
The SAJ series Tantalum Chip Capacitors cover a wide range of values and applications. The Extended range
of this series cover higher capacitance values in smaller case sizes. Also included are low profile capacitors
developed for special applications where height is critical.
FEATURES:
HIGH SOLDER HEAT RESISTANCE - 269°C, 5 TO 10 SECS.
ULTRA COMPACT SIZES IN EXTENDED RANGE (BOLD PRINT) ALLOWS HIGH DENSITY
COMPONENT MOUNTING.
LOW PROFILE CAPACITORS WITH HEIGHT 1.2MM MAX (A2 & B2) AND 1.5MM MAX (C2) FOR USE ON
PCB’S, WHERE HEIGHT IS CRITICAL.
COMPONENTS MEET IEC SPEC QC 300801/US0001 AND EIA 535BAAC. REEL PACKING STDS- EIAJ
RC-1009B /EIA 481/IEC 286-3.
EPOXY MOLDED COMPONENTS WITH CONSISTENT DIMENSIONS AND SURFACE FINISH.
ENGINEERED FOR AUTOMATIC ONSERTION.
COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
CASE DIMENSIONS IN MILLIMETERS (INCHES)
CASE
EIA/IEC
L
W
H
l
a
R
2012
2.05 ±0.2
1.3 ±0.2
1.2 ±0.2
0.5 ±0.3
1.2 ±0.1
(0.08 ±0.008)
(0.05 ±0.008)
(0.047 ±0.008)
(0.020 ±0.012)
(0.047 ±0.004)
A2
3216L
3.2 ±0.2
1.6 ±0.2
1.2 ±0.2
0.7 ±0.3
1.2 ±0.1
(0.126 ±0.008)
(0.063 ±0.008)
(0.047 ±0.008)
(0.028 ±0.012)
(0.047 ±0.004)
A
3216
3.2 ±0.2
1.6 ±0.2
1.6 ±0.2
0.8 ±0.3
1.2 ±0.1
(0.126 ±0.008)
(0.063 ±0.008)
(0.063 ±0.008)
(0.032 ±0.012)
(0.047 ±0.004)
B2
3528L
3.5 ±0.2
2.8 ±0.2
1.2 ±0.2
0.7 ±0.3
1.8 ±0.1
(0.138 ±0.008)
(0.110 ±0.008)
(0.047 ±0.008)
(0.028 ±0.012)
(0.071 ±0.004)
B
3528
3.5 ±0.2
2.8 ±0.2
1.9 ±0.2
0.8 ±0.3
2.2 ±0.1
(0.138 ±0.008)
(0.110 ±0.008)
(0.075 ±0.008)
(0.031 ±0.012)
(0.087 ±0.004)
H
4726
4.8 ±0.2
2.6 ±0.2
1.8 ±0.2
0.8 ±0.3
1.8±0.1
(0.189 ±0.008)
(0.102 ±0.008)
(0.071 ±0.008)
(0.032 ±0.012)
(0.071 ±0.004)
C2
6032L
5.8 ±0.2
3.2 ±0.2
1.5 ±0.2
0.7 ±0.3
2.2±0.1
(0.228 ±0.008)
(0.126 ±0.008)
(0.059 ±0.008)
(0.028 ±0.012)
(0.087±0.004)
C
6032
6.0 ±0.3
3.2 ±0.3
2.5 ±0.3
1.3 ±0.3
2.2 ±0.1
(0.236 ±0.012)
(0.126 ±0.012)
(0.098 ±0.012)
(0.051 ±0.012)
(0.087±0.004)
D2
6045
5.8 ±0.3
4.5 ±0.3
3.1 ±0.3
1.3 ±0.3
3.1 ±0.1
(0.228 ±0.012)
(0.177 ±0.012)
(0.122 ±0.012)
(0.051 ±0.012)
(0.122 ±0.004)
D
7343
7.3 ±0.3
4.3 ±0.3
2.8 ±0.3
1.3 ±0.3
2.4 ±0.1
(0.287 ±0.012)
(0.170 ±0.012)
(0.110 ±0.012)
(0.051 ±0.012)
(0.095 ±0.004)
E
7343H
7.3 ±0.3
4.3 ±0.3
4.0 ±0.3
1.3 ±0.3
2.4 ±0.1
(TALLER)
(0.287 ±0.012)
(0.170 ±0.012)
(0.158 ±0.012)
(0.051 ±0.012)
(0.095 ±0.004)
SAJ SERIES
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - SAJB2106M04R302

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101X TEC-SAJ101X Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SDTPTQ TEC-SAJ101XBL0N74SDTPTQ Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SNCPTQ TEC-SAJ101XBL0N74SNCPTQ Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SNOPTQ TEC-SAJ101XBL0N74SNOPTQ Datasheet
323Kb / 3P
   Snap Action Switches
More results

Similar Description - SAJB2106M04R302

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
   Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
SAF SHARMA-SAF Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com