Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8037 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 56F8037
Description  16-bit Digital Signal Controllers
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8037 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 56F8037 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8037 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 180 page
background image
Register Descriptions
56F8037 Data Sheet, Rev. 2
Freescale Semiconductor
73
Preliminary
5.6.3.1
QSCI 0 Transmitter Empty Interrupt Priority Level (QSCI0_XMIT IPL)—
Bits 15–14
This field is used to set the interrupt priority level for the QSCI0 Transmitter Empty IRQ. This IRQ is
limited to priorities 0 through 2. It is disabled by default.
00 = IRQ disabled (default)
01 = IRQ is priority level 0
10 = IRQ is priority level 1
11 = IRQ is priority level 2
5.6.3.2
QSPI 1 Transmitter Empty Interrupt Priority Level (QSPI1_XMIT IPL)—
Bits 13–12
This field is used to set the interrupt priority level for the QSPI1 Transmitter Empty IRQ. This IRQ is
limited to priorities 0 through 2. It is disabled by default.
00 = IRQ disabled (default)
01 = IRQ is priority level 0
10 = IRQ is priority level 1
11 = IRQ is priority level 2
5.6.3.3
QSPI 1 Receiver Full Interrupt Priority Level (QSPI1_RCV IPL)—
Bits 11–10
This field is used to set the interrupt priority level for the QSPI1 Receiver Full IRQ. This IRQ is limited
to priorities 0 through 2. It is disabled by default.
00 = IRQ disabled (default)
01 = IRQ is priority level 0
10 = IRQ is priority level 1
11 = IRQ is priority level 2
5.6.3.4
QSPI 0 Transmitter Empty Interrupt Priority Level (QSPI0_XMIT IPL)—
Bits 9–8
This field is used to set the interrupt priority level for the QSPI0 Transmitter Empty IRQ. This IRQ is
limited to priorities 0 through 2. It is disabled by default.
00 = IRQ disabled (default)
01 = IRQ is priority level 0
10 = IRQ is priority level 1
11 = IRQ is priority level 2


Similar Part No. - 56F8037

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8037 FREESCALE-56F8037 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037 Datasheet
963Kb / 181P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8037 NXP-56F8037 Datasheet
1Mb / 180P
   16-bit Digital Signal Controllers
Rev. 8 04/2012
logo
Freescale Semiconductor...
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_10 Datasheet
963Kb / 181P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8037

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com