Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT151-800R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BT151-800R
Description  Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT151-800R Datasheet(HTML) 5 Page - NXP Semiconductors

  BT151-800R Datasheet HTML 1Page - NXP Semiconductors BT151-800R Datasheet HTML 2Page - NXP Semiconductors BT151-800R Datasheet HTML 3Page - NXP Semiconductors BT151-800R Datasheet HTML 4Page - NXP Semiconductors BT151-800R Datasheet HTML 5Page - NXP Semiconductors BT151-800R Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT151 series
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.13. TO220AB; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
September 1997
5
Rev 1.200


Similar Part No. - BT151-800R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
logo
Comset Semiconductor
BT151-800R COMSET-BT151-800R Datasheet
172Kb / 3P
   THYRISTORS
logo
DIYI Electronic Technol...
BT151-800R DYELEC-BT151-800R Datasheet
2Mb / 5P
   Typical applications include motor control
logo
Inchange Semiconductor ...
BT151-800R ISC-BT151-800R Datasheet
207Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BT151-800R WEEN-BT151-800R Datasheet
297Kb / 12P
   SCR
More results

Similar Description - BT151-800R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
   THYRISTORS
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
   Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
   Thyristors
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
   Thyristors
April 2004-Rev 1.000
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
   Thyristors
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
   Thyristors
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
   THYRISTORS
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
   Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
   THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com