Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21107DT-18-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP21107DT-18-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21107DT-18-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP21107DT-18-E3 Datasheet HTML 1Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 2Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 3Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 4Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 5Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21107DT-18-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 74442
S-70067–Rev. B, 22-Jan-07
Vishay Siliconix
SiP21106/7/8
New Product
Notes:
a. Room = 25 °C, Full = - 40 to 85 °C. Derate 7.6 mW/°C for TSC75 and 5.5 mW/°C for SOT23 above TA = 70 °C
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Dropout voltage is defined as the input-to-output differential voltage at which the output voltage drops 2 % below its nominal
value with constant load. For outputs = 2.2 V, dropout voltage is not applicable due to 2.2 V minimum input voltage requirement.
e. Ground current is specified for normal operation as well as “drop-out” operation.
f. Output noise is proportional to output voltage. Use formula eN = 60 µV(rms)*VOUT/2.8 V.
g. POK threshold percentage is calculated by VIN/VOUT x 100 %.
TIMING WAVEFORMS
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = VOUT(nom) + 1.0 V
IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF
- 40 °C < TA < 85 °C for full
Tempa
Unit
Minb Typc Maxb
Adjustable Voltage Section (SiP21108 Version only)
Feedback Voltage
VAdj
Room 1.188
1.2
1.212
V
Full
1.170
1.230
Error Flag Section (SiP21107 Version only)
POK(OFF) Leakage
IOFF
RPU to VOUT or VIN
Full
1
µA
POK(ON) Voltage
VPOKL
ISINK = 0.5 mA
Full
0.4
V
POK Thresholdg
VPOKLH
VIN rising, IOUT = 1 mA, POK goes high
Full
90
96
%
POK Hysteresis
VHYST
VIN falling, IOUT = 1 mA, POK goes low
Room
1.5
Figure 1.
VEN
0.95 VNOM
VOUT
VNOM
tON
0 V
VIN
tr
1 µs


Similar Part No. - SIP21107DT-18-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21107DT-18-E3 VISHAY-SIP21107DT-18-E3 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21107DT-18-E3 VISHAY-SIP21107DT-18-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21107DT-18-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com