Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS11-1/2W-47K Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # RS11-1/2W-47K
Description  THE FIXED CARBON COMPOSITION RESISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RS11-1/2W-47K Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  RS11-1/2W-47K Datasheet HTML 1Page - Sharma Electro Components,Inc RS11-1/2W-47K Datasheet HTML 2Page - Sharma Electro Components,Inc RS11-1/2W-47K Datasheet HTML 3Page - Sharma Electro Components,Inc RS11-1/2W-47K Datasheet HTML 4Page - Sharma Electro Components,Inc RS11-1/2W-47K Datasheet HTML 5Page - Sharma Electro Components,Inc RS11-1/2W-47K Datasheet HTML 6Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SHEET:1 OF 6
1/2WATT Cont .
SHARMAType#
SHARMA Type #
SHARMA Type #
SHARMA Type #
RS11-1/2W-1K1
1.1K
RS11-1/2W-13K
13K
RS11-1/2W-160K
160K
RS11-1/2W-2M
2.0M
RS11-1/2W-1K2
1.2K
RS11-1/2W-15K
15K
RS11-1/2W-180K
180K
RS11-1/2W-2M2
2.2M
RS11-1/2W-1K3
1.3K
RS11-1/2W-16K
16K
RS11-1/2W-200K
200K
RS11-1/2W-2M4
2.4M
RS11-1/2W-1K5
1.5K
RS11-1/2W-18K
18K
RS11-1/2W-220K
220K
RS11-1/2W-2M7
2.7M
RS11-1/2W-1K6
1.6K
RS11-1/2W-20K
20K
RS11-1/2W-240K
240K
RS11-1/2W-3M0
3.0M
RS11-1/2W-1K8
1.8K
RS11-1/2W-22K
22K
RS11-1/2W-270K
270K
RS11-1/2W-3M3
3.3M
RS11-1/2W-2K
2.0K
RS11-1/2W-24K
24K
RS11-1/2W-300K
300K
RS11-1/2W-3M6
3.6M
RS11-1/2W-2K2
2.2K
RS11-1/2W-27K
27K
RS11-1/2W-330K
330K
RS11-1/2W-3M9
3.9M
RS11-1/2W-2K4
2.4K
RS11-1/2W-30K
30K
RS11-1/2W-360K
360K
RS11-1/2W-4M3
4.3M
RS11-1/2W-2K7
2.7K
RS11-1/2W-33K
33K
RS11-1/2W-390K
390K
RS11-1/2W-4M7
4.7M
RS11-1/2W-3K
3.0K
RS11-1/2W-36K
36K
RS11-1/2W-430K
430K
RS11-1/2W-5M1
5.1M
RS11-1/2W-3K3
3.3K
RS11-1/2W-39K
39K
RS11-1/2W-470K
470K
RS11-1/2W-5M6
5.6M
RS11-1/2W-3K6
3.6K
RS11-1/2W-43K
43K
RS11-1/2W-510K
510K
RS11-1/2W-6M2
6.2M
RS11-1/2W-3K9
3.9K
RS11-1/2W-47K
47K
RS11-1/2W-560K
560K
RS11-1/2W-6M8
6.8M
RS11-1/2W-4K3
4.3K
RS11-1/2W-51K
51K
RS11-1/2W-620K
620K
RS11-1/2W-7M5
7.5M
RS11-1/2W-4K7
4.7K
RS11-1/2W-56K
56K
RS11-1/2W-680K
680K
RS11-1/2W-8M2
8.2M
RS11-1/2W-5K1
5.1K
RS11-1/2W-62K
62K
RS11-1/2W-750K
750K
RS11-1/2W-9M1
9.1M
RS11-1/2W-5K6
5.6K
RS11-1/2W-68K
68K
RS11-1/2W-820K
820K
RS11-1/2W-10M
10M
RS11-1/2W-6K2
6.2K
RS11-1/2W-75K
75K
RS11-1/2W-910K
910K
RS11-1/2W-11M
11M
RS11-1/2W-6K8
6.8K
RS11-1/2W-82K
82K
RS11-1/2W-1M
1.0M
RS11-1/2W-12M
12M
RS11-1/2W-7K5
7.5K
RS11-1/2W-91K
91K
RS11-1/2W-1M1
1.1M
RS11-1/2W-13M
13M
RS11-1/2W-8K2
8.2K
RS11-1/2W-100K
100K
RS11-1/2W-1M2
1.2M
RS11-1/2W-15M
15M
RS11-1/2W-9K1
9.1K
RS11-1/2W-110K
110K
RS11-1/2W-1M3
1.3M
RS11-1/2W-16M
16M
RS11-1/2W-10K
10K
RS11-1/2W-120K
120K
RS11-1/2W-1M5
1.5M
RS11-1/2W-18M
18M
RS11-1/2W-11K
11K
RS11-1/2W-130K
130K
RS11-1/2W-1M6
1.6M
RS11-1/2W-20M
20M
RS11-1/2W-12K
12K
RS11-1/2W-150K
150K
RS11-1/2W-1M8
1.8M
RS11-1/2W-22M
22M
4. Part Numbering System
Example:
RS11
1/2W
2k7
J
T
type
RS11
Rated Power W
0.5W
Normal Resistance
2k7=2.7k
Resistance
Tolerance
J = 5%
K= 10%
M= 20%
Packaging
B
Bulk
T
Tape &Reel
Sharma Resistors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - RS11-1/2W-47K

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117A-12EG ORISTER-RS1117A-12EG Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-12EP ORISTER-RS1117A-12EP Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS11-1/2W-47K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
   Hot-Molded Carbon Composition Fixed Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
   Carbon Composition Resistors
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Tyco Electronics
1625875 MACOM-1625875 Datasheet
40Kb / 1P
   CARBON COMPOSITION RESISTORS SERIES CBT25
logo
KOA Speer Electronics, ...
PCF1C KOA-PCF1C Datasheet
93Kb / 6P
   Fixed Ceramic Composition Resistors
logo
TE Connectivity Ltd
CFR TEC-CFR Datasheet
333Kb / 4P
   Carbon film fixed Resistors
logo
ABCO ELECTRONICS CO.LTD
CR18W ABCO-CR18W Datasheet
604Kb / 1P
   FIXED CARBON FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com