Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21106DT-26-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP21106DT-26-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21106DT-26-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP21106DT-26-E3 Datasheet HTML 1Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 2Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 3Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 4Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 5Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21106DT-26-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 74442
S-70067–Rev. B, 22-Jan-07
Vishay Siliconix
SiP21106/7/8
New Product
Notes:
a. Derate 7.6 mW/°C for TSC75-6L package and 5.5 mW/°C for TSOT23-5L package above TA = 70 °C.
b. Device mounted with all leads soldered or welded to PC board.
c. Soldering for 5 sec.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
TSOT23-5L Package
POK
EN
GND
VIN
VOUT
4
5
2
3
1
COUT = 1 µF
POK
CIN = 1 µF
VIN
EN
SiP21107
VOUT
TSC75L-6 Package
VOUT
5
NC
VIN
GND
EN
POK
4
6
2
3
1
COUT =1 µF
POK
CIN = 1 µF
VIN
EN
SiP21107
VOUT
TSC75-6L Package
VOUT
5
NC
VIN
GND
EN
Adj
4
6
2
3
1
COUT = 1 µF
VOUT
CIN = 1 µF
VIN
EN
SiP21108
A
dj
EN
GND
VIN
VOUT
4
5
2
3
1
COUT = 1µF
VOUT
CIN = 1 µF
VIN
EN
SiP21108
TSOT23-5L Package
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Input Voltage, VIN to GND
- 0.3 to 6
V
VEN (See Detailed Description)
- 0.3 to 6
Output Current (IOUT)
Short Circuit Protected
Output Voltage (VOUT)
- 0.3 to VIN + 0.3
V
TSC75-6L
TSOT23-5L
Package Power Dissipation (PD)
a
420
440
mW
Package Thermal Resistance (
θ
JA)
b
131
180
°C/W
Maximum Junction Temperature, TJ(max)
125
°C
Storage Temperature, TSTG
- 65 to 150
Lead Temperature, TL
c
260
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Input Voltage, VIN
2.2 to 5.5
V
Operating Ambient Temperature TA
- 40 to 85
°C


Similar Part No. - SIP21106DT-26-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106DT-26-E3 VISHAY-SIP21106DT-26-E3 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106DT-26-E3 VISHAY-SIP21106DT-26-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21106DT-26-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com