Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC-7894 Datasheet(PDF) 4 Page - California Eastern Labs

Part No. MC-7894
Description  1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7894 Datasheet(HTML) 4 Page - California Eastern Labs

  MC-7894 Datasheet HTML 1Page - California Eastern Labs MC-7894 Datasheet HTML 2Page - California Eastern Labs MC-7894 Datasheet HTML 3Page - California Eastern Labs MC-7894 Datasheet HTML 4Page - California Eastern Labs MC-7894 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC-7894
NOTES ON CORRECT USE
(1) The space between PC board and root of the lead should be kept more than 1 mm to prevent undesired stress
to the lead and also should be kept less than 4 mm to prevent undesired parasitic inductance.
Recommended that space is 2.0 to 3.0 mm typical.
(2) Recommended torque strength of the screw is 59 to 78 Ncm.
(3) Form the ground pattern as wide as possible to minimize ground impedance.
(to prevent undesired oscillation)
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Partial Heating
Peak temperature (pin temperature) : 350
°C or below Note
Soldering time (per pin of device)
: 3 seconds or less
Note The point of pin part heating must be kept more than 1.2 mm distance from the root of lead.
Data Sheet PG10561EJ01V0DS
4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MHW9188ANGallium Arsenide CATV Amplifier Module 1 2 3 4 Freescale Semiconductor, Inc
MB3730A14W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreFujitsu Component Limited.
MC13142LOW POWER DC - 1.8 GHz LNA MIXER and VCO 1 2 3 4 5 MoreMotorola, Inc
P1935Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz 1 2 3 4 5 PREMIER DEVICES, INC.
AP119-89GaAs IC DCS 1800/1900 Power Amplifier 1 2 3 4 Skyworks Solutions Inc.
TMD1013-1MICROWAVE POWER MMIC AMPLIFIER 1 2 3 Toshiba Semiconductor
FS81702.5 GHz Low Power Phase-locked Loop IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2SJ114HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1 2 3 Hitachi Semiconductor
ABA-545633.4 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn