Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC-7894 Datasheet(PDF) 2 Page - California Eastern Labs

Part No. MC-7894
Description  1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7894 Datasheet(HTML) 2 Page - California Eastern Labs

  MC-7894 Datasheet HTML 1Page - California Eastern Labs MC-7894 Datasheet HTML 2Page - California Eastern Labs MC-7894 Datasheet HTML 3Page - California Eastern Labs MC-7894 Datasheet HTML 4Page - California Eastern Labs MC-7894 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC-7894
RECOMMENDED OPERATING CONDITIONS (ZS = ZL = 75
Ω, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
23.5
24.0
24.5
V
Input Voltage
Vi
77 channel,
7 dB tilted across the band
28.0
34.0
dBmV
Operating Case Temperature
TC
−30
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TC = 30
±5°C, VDD = 24 V, ZS = ZL = 75 Ω, unless otherwise
specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Linear Gain 1
GL1
f = 40 MHz
22.5
24.0
dB
Linear Gain 2
GL2
f = 1 GHz
24.5
25.5
dB
Gain Slope
GSlope
f = 40 MHz to 1 GHz
1.0
2.4
dB
Gain Flatness
GFlatness
f = 40 MHz to 1 GHz, Peak to valley
0.6
dB
Noise Figure 1
NF1
f = 50 MHz
6.0
dB
Noise Figure 2
NF2
f = 1 GHz
6.5
dB
Operating Current
IDD
RF OFF
385
mA
Composite Triple Beat
CTB
77 channel,
−63
dBc
Cross Modulation
XM
VO = 52 dBmV at 547.25 MHz,
−60
dBc
Composite 2nd Order Beat
CSO
7 dB tilted across the band
−65
dBc
Input Return Loss 1
RLi1
f = 40 MHz
20
dB
Input Return Loss 2
RLi2
f = 1 GHz
14
dB
Output Return Loss 1
RLo1
f = 40 MHz
23
dB
Output Return Loss 2
RLo2
f = 1 GHz
17
dB
Data Sheet PG10561EJ01V0DS
2


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MHW9188ANGallium Arsenide CATV Amplifier Module 1 2 3 4 Freescale Semiconductor, Inc
MB3730A14W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreFujitsu Component Limited.
MC13142LOW POWER DC - 1.8 GHz LNA MIXER and VCO 1 2 3 4 5 MoreMotorola, Inc
P1935Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz 1 2 3 4 5 PREMIER DEVICES, INC.
AP119-89GaAs IC DCS 1800/1900 Power Amplifier 1 2 3 4 Skyworks Solutions Inc.
TMD1013-1MICROWAVE POWER MMIC AMPLIFIER 1 2 3 Toshiba Semiconductor
FS81702.5 GHz Low Power Phase-locked Loop IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
2SJ114HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1 2 3 Hitachi Semiconductor
ABA-545633.4 GHz Broadband Silicon RFIC Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn