Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS7314 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7314
Description  3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7314 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7314 Datasheet HTML 5Page - Texas Instruments THS7314 Datasheet HTML 6Page - Texas Instruments THS7314 Datasheet HTML 7Page - Texas Instruments THS7314 Datasheet HTML 8Page - Texas Instruments THS7314 Datasheet HTML 9Page - Texas Instruments THS7314 Datasheet HTML 10Page - Texas Instruments THS7314 Datasheet HTML 11Page - Texas Instruments THS7314 Datasheet HTML 12Page - Texas Instruments THS7314 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
f − Frequency − MHz
−60
−50
−40
−30
−20
−10
0
10
0.1
10
100
1k
G005
1
VS = 5 V
VO = 200 mVPP
RL = 150 Ω || 13 pF
RL = 75 Ω || 13 pF
−360
−315
−270
−225
−180
−135
−90
−45
0
45
f − Frequency − MHz
0.1
10
100
G006
1
VS = 5 V
VO = 200 mVPP
RL = 150 Ω || 13 pF
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
f − Frequency − MHz
0.1
10
G007
1
VS = 5 V
VO = 200 mVPP
RL = 75 Ω || 13 pF
RL = 150 Ω || 13 pF
40
45
50
55
60
65
70
75
80
85
90
f − Frequency − MHz
VS = 5 V
VO = 200 mVPP
RL = 150 Ω || 13 pF
0.1
10
100
G008
1
2.3
2.4
2.5
2.6
2.7
2.8
−100
0
100
200
300
400
500
600
700
800
900
t − Time − ns
G010
0.7
0.8
0.9
1.0
1.1
1.2
Input VoltageWaveforms
OutputVoltageWaveforms
Input
tr/tf =140ns
VS =5V
RL =150 Ω ||13pF
Input
tr/tf =1ns
tr/tf =1ns
tr/tf =140ns
t − Time − ns
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
−100
0
100
200
300
400
500
600
700
800
900
G012
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
Input VoltageWaveforms
OutputVoltageWaveforms
Input
tr/tf =140ns
VS =5V
RL =150 Ω ||13pF
Input
tr/tf =1ns
tr/tf =1ns
tr/tf =140ns
THS7314
SLOS513 – DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
SMALL-SIGNAL GAIN vs FREQUENCY
PHASE vs FREQUENCY
Figure 16.
Figure 17.
SMALL-SIGNAL GAIN vs FREQUENCY
GROUP DELAY vs FREQUENCY
Figure 18.
Figure 19.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
vs
vs
TIME
TIME
Figure 20.
Figure 21.
9
Submit Documentation Feedback


Similar Part No. - THS7314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI1-THS7314 Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314D TI1-THS7314D Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314D TI1-THS7314D Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com