Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21106 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP21106
Description  150-mA Low Noise, Low Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21106 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP21106 Datasheet HTML 1Page - Vishay Siliconix SIP21106 Datasheet HTML 2Page - Vishay Siliconix SIP21106 Datasheet HTML 3Page - Vishay Siliconix SIP21106 Datasheet HTML 4Page - Vishay Siliconix SIP21106 Datasheet HTML 5Page - Vishay Siliconix SIP21106 Datasheet HTML 6Page - Vishay Siliconix SIP21106 Datasheet HTML 7Page - Vishay Siliconix SIP21106 Datasheet HTML 8Page - Vishay Siliconix SIP21106 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 74442
S-70067–Rev. B, 22-Jan-07
www.vishay.com
3
Vishay Siliconix
SiP21106/7/8
New Product
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = VOUT(nom) + 1.0 V = VEN
IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF
- 40 °C < TA < 85 °C for full
Tempa
Unit
Minb Typc Maxb
Input Voltage Range
VIN
Full
2.2
5.5
V
Output Voltage Accuracy
VOUT
IOUT = 1 mA
Room
- 1.0
1.0
%
Full
- 2.5
2.5
Line Regulation
All others
Full
- 0.2
0.006
0.2
%/V
For 4.6 V to 5.0 V
- 0.4
0.4
Dropout Voltaged
(2.2 V
≤ V
OUT(nom) < 2.6 V)
VDO
IOUT = 50 mA
Room
45
mV
Full
55
IOUT = 100 mA
Room
90
Full
106
IOUT = 150 mA
Room
135
250
Full
160
300
Dropout Voltage
(VOUT(nom) ≥ 2.6 V)
VDO
IOUT = 50 mA
Room
45
mV
Full
55
IOUT = 100 mA
Room
90
Full
106
IOUT = 150 mA
Room
135
180
Full
160
220
Ground Pin Currente
IGND
IOUT = 1 mA
Room
35
75
µA
Full
85
IOUT = 150 mA
Room
39
75
Full
85
Output Noise Voltagef (RMS)
eN
SiP21106
VOUT(nom) = 2.8 V, BW = 10 Hz to 100 kHz,
1 mA < IOUT < 150 mA, CBP = 0.01 µF
Room
60
µV
SiP21107/8
VOUT(nom) = 2.8 V, BW = 10 Hz to 100 kHz,
1 mA < IOUT < 150 mA
Room
350
µV
Ripple Rejection
PSRR
IOUT = 150 mA
f = 1 kHz
Room
70
dB
f = 10 kHz
Room
55
f = 100 kHz
Room
25
Load Regulation
LDR
VOUT ≥ 2.6 V,
IOUT : 1 mA to 150 mA
Room
0.003 0.006
%/mA
VOUT < 2.6 V,
IOUT : 1 mA to 150 mA
Room
0.005 0.009
Auto Discharge Resistance
RDIS
VOUT = 2 V
Room
100
Ω
Thermal Shutdown Junction
Temperature
TJ(S/D)
Room
160
°C
Thermal Hysteresis
THYST
Room
20
Output Current Limit
IO_LIMIT
VOUT = 0 V
Room
170
330
600
mA
Shutdown Supply Current
ICC(off)
VEN = 0 V
Full
0.02
1
µA
EN Pin Input Voltage
VENH
High = Regulator ON (Rising)
Full
1.2
5.5
V
VENL
Low = Regulator OFF (Falling)
Full
0.4
EN Pin Input Current
IEN
Room
0.009
µA
Output Voltage Turn-On Time
ton
EN to VOUT delay; IOUT = 1 mA
70
µs


Similar Part No. - SIP21106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
SIP21106DR-12-E3 VISHAY-SIP21106DR-12-E3 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106DR-12-E3 VISHAY-SIP21106DR-12-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
SIP21106DR-18-E3 VISHAY-SIP21106DR-18-E3 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
More results

Similar Description - SIP21106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com