Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX30U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. SX30U
Description  30 Watt, 120 VAC Input Fully Enclosed Switchiing Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SX30U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
MODEL
SX30U-05S
SX30U-12S
SX30U-15S
SX30U-24S
OUTPUT VOLTAGE
5 VDC
12 VDC
15 VDC
24 VDC
OUTPUT CURRENT
6.0 A
2.6 A
2.1 A
1.4 A
EFFICIENCY (TYP)
72%
76%
77%
79%
LINE REGULATION
20 mV
30 mV
30 mV
30 mV
LOAD REGULATION
40 mV
60 mV
60 mV
60 mV
RIPPLE NOISE
150 mVp-p
150 mVp-p
150 mVp-p
150 mVp-p
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Mounting screw lenght should not exceed 0.24 inches or 6 mm.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• No. 6-32 mounting holes standard
• Dimensions in mm
• Terminal block or “pin”
type connector available
SX30U


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn