Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3033-332 Datasheet(PDF) 29 Page - PCA ELECTRONICS INC.

Part # EPZ3033-332
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3033-332 Datasheet(HTML) 29 Page - PCA ELECTRONICS INC.

Back Button EPZ3033-332 Datasheet HTML 25Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 26Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 32Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 33Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductors
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as an Inductor in TI TPS6103X Series, Single Cell or Dual Cell
Boost Converters
• Used in PDA’s, MP3 Players, Camcorders, & other Portable
Communication Equip.
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• High Current Application
• Low Profile Version
EPI F4747LP Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXF4747LP
Rev. 1
6/9/03
3.9
4.7
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
Induct.
(µH ± 20%)
@ 0 Adc
.015
.018
.023
.026
.028
.038
.050
.057
.066
.080
.097
.132
.150
.190
.220
.260
.308
.380
.530
.620
.700
.870
.990
DCR
(
Ω Max.)
EPI3L9652F4747LP
EPI4L7572F4747LP
EPI6L8492F4747LP
EPI8L2462F4747LP
EPI100452F4747LP
EPI120402F4747LP
EPI150322F4747LP
EPI180312F4747LP
EPI220292F4747LP
EPI270282F4747LP
EPI330272F4747LP
EPI390212F4747LP
EPI470192F4747LP
EPI560182F4747LP
EPI680152F4747LP
EPI820132F4747LP
EPI101122F4747LP
EPI121112F4747LP
EPI151951F4747LP
EPI181851F4747LP
EPI221801F4747LP
EPI271601F4747LP
EPI331501F4747LP
Part
Number
6.50
5.70
4.90
4.60
4.50
4.00
3.20
3.10
2.90
2.80
2.70
2.10
1.90
1.80
1.50
1.30
1.20
1.10
0.95
0.85
0.80
0.60
0.50
Idc
(Amp)
Package F4747LP
.472
± .012
(12.00
± .300)
.299
(7.60)
.177 Max.
(4.50)
Recommended
Pad Layout
.276
(7.00)
.213
(5.40)
.504
(12.80)
Marking:
PCA
Inductance Value
.197
(5.00)
.472
± .012
(12.00
± .300)
Note :
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 10% Approximate.
Application
L1
µH
Battery
Input
SW
TPS6103X
R1
R2
R4
R3
C1
Fb
PGnd
LBO
VBat
LBI
Sync
Gnd
EN
VOut
C2
C3
R6
+
-
Vcc
Control
Output
Boost
Output


Similar Part No. - EPZ3033-332

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3033-332 PCA-EPZ3033-332 Datasheet
2Mb / 64P
   AC Power Line Chokes
More results

Similar Description - EPZ3033-332

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com