Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN50-12S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPN50-12S
Description  50 WATT, Universal Input Fully Enclosed Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPN50-12S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPN50-12S Datasheet HTML 1Page - List of Unclassifed Manufacturers SPN50-12S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SA
AF
FE
ET
TIIE
ES
S//A
AP
PP
PR
RO
OV
VA
AL
LS
S
1
FEATURES
50 WATT OUTPUT POWER
UNIVERSAL INPUT
OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION
LIGHTWEIGHT CONSTRUCTION
METAL CHASSIS WITH COVER
COMPACT, LOW-PROFILE PACKAGES
3 YEAR WARRANTY
5
50
0 W
WA
AT
TT
T,, U
Un
niiv
ve
errs
sa
all IIn
np
pu
utt
F
Fu
ulllly
y E
En
nc
cllo
os
se
ed
d S
Sw
wiittc
ch
hiin
ng
g P
Po
ow
we
err S
Su
up
pp
plly
y
S
SP
PN
N5500 S
Seerriieess
Input Voltage………..........................85 ~ 264VAC
Input Frequency............................... 47 ~ 63Hz
Input Current………………………….0.55 ~ 1.0A Typ.
Inrush Current
16A ~ 39A Typ
Output Voltage ……………………….See Chart
Voltage Adjustment.………………….±10%
Minimum Load………………………..±10%
Efficiency..................................……..75 ~ 80%
Over-Voltage Protection...…………..115 ~ 150% Manual Reset
Over-Current Protection………….....Automatic Recovery (105% min)
Ripple and Noise…………………….100mVp-p max.
Hold-Up Time.......................…….....40 ~ 50 mS
Line/Load Regulation...............…… See Chart
Rise Time...…...……………………...800 ~ 1700 mS
Leakage Current (100/230VAC)………….0.75mA
MTBF.............................…………….>160,000 Hours
Isolation Voltage
Primary to Secondary……………3000VAC
Primary to Case………………….1500VAC
Secondary to Case………………500VAC
Isolation Resistance………………….100 M-Ohms min.
Operating Temperature ............…….0°C ~ +60°C
Cooling………………….....................Convection
Temperature Coefficient................... 0.02% / °C
Humidity………………......................20 ~ 85%Rh (non-condensing)
Storage Temperature………………..-20°C ~ +85°C
Shock Vibration………………………Shock: 20G(3 Directions each 3 times)
Vibration: 10 ~ 55Hz
Metal Enclosed – Terminal Block
FCC-B
EN 55022-B
VCCI-II
All specifications are typical at nominal input, full load


Similar Part No. - SPN50-12S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPN50-12S VOLGEN-SPN50-12S Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
More results

Similar Description - SPN50-12S

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPN50 VOLGEN-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15 ETC1-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN30 VOLGEN-SPN30 Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SP15U ETC1-SP15U Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SX100U ETC1-SX100U Datasheet
548Kb / 3P
   100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply
SX50U ETC1-SX50U Datasheet
371Kb / 2P
   50 Watt, 120 VAC Inputt Fully Enclosed Switchiing Power Supply
SX30U ETC1-SX30U Datasheet
379Kb / 2P
   30 Watt, 120 VAC Input Fully Enclosed Switchiing Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com