Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPN15
Description  15 WATT, Universal Input Fully Enclosed Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPN15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPN15 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPN15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
Mounting screws not to exceed max penetration of 6mm
Screw thread size is M3 (Metric) or 6/32nd (Inch)
Weight 200g typ.
Measurements in millimeter (mm) unless otherwise specified
Tolerance ± 1mm
2
MODEL
Output Voltage
Output Current
(85 ~ 264 VAC)
Efficiency
(%)
Load Regulation
(mV max)
SPN15-05S
5VDC
3.0A
75%
10mV max
SPN15-12S
12VDC
1.25A
78%
10 mV max
SPN15-15S
15VDC
1.0A
79%
10mV max
SPN15-24S
24VDC
0.65A
80%
20mV max
SPN15-48S
48VDC
0.3A
80%
40mV max
NOTE:
All specifications typical and nominal / full load and 25°C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.


Similar Part No. - SPN15

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15-05S VOLGEN-SPN15-05S Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15-12S VOLGEN-SPN15-12S Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15-15S VOLGEN-SPN15-15S Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15-24S VOLGEN-SPN15-24S Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
More results

Similar Description - SPN15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP15U ETC1-SP15U Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN30 VOLGEN-SPN30 Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SPN50 ETC1-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN50 VOLGEN-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SX15U ETC1-SX15U Datasheet
361Kb / 2P
   15 Watt,120 VAC Input Fully Enclosed Switchiing Power Supply
SX100U ETC1-SX100U Datasheet
548Kb / 3P
   100 & 150 Watt, 120 VAC Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
KLT15F VOLGEN-KLT15F Datasheet
192Kb / 2P
   15 WATT, Universal Input Open Frame Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com