Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73712 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS73712
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73712 Datasheet(HTML) 4 Page - Texas Instruments

  TPS73712 Datasheet HTML 1Page - Texas Instruments TPS73712 Datasheet HTML 2Page - Texas Instruments TPS73712 Datasheet HTML 3Page - Texas Instruments TPS73712 Datasheet HTML 4Page - Texas Instruments TPS73712 Datasheet HTML 5Page - Texas Instruments TPS73712 Datasheet HTML 6Page - Texas Instruments TPS73712 Datasheet HTML 7Page - Texas Instruments TPS73712 Datasheet HTML 8Page - Texas Instruments TPS73712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Servo
Error
Amp
Ref
Current
Limit
Thermal
Protection
Bandgap
OUT
FB
R1
R2
EN
GND
IN
80kW
8kW
27kW
4MHz
ChargePump
Standard1% ResistorValuesfor
CommonOutputVoltages
NOTE: V
=(R +R )/R x1.204;
OUT
1
2
2
R ||R =19k
forbest
W
1
2
accuracy.
V
O
1.2V
1.5V
1.8V
2.5V
2.8V
3.0V
3.3V
R
1
Short
23.2kW
28.0kW
39.2kW
44.2kW
46.4kW
52.3kW
R
2
Open
95.3kW
56.2kW
36.5kW
33.2kW
30.9kW
30.1kW
Servo
Error
Amp
Ref
27kW
8kW
Current
Limit
Thermal
Protection
Bandgap
OUT
R
1
R
2
EN
GND
IN
R +R =80kW
1
2
4MHz
ChargePump
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
Figure 1. Adjustable Voltage Version
Figure 2. Fixed-Voltage Version
4
Submit Documentation Feedback


Similar Part No. - TPS73712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73718DCQ TI-TPS73718DCQ Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73718DCQ TI-TPS73718DCQ Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73718DCQ TI1-TPS73718DCQ Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73718DCQ TI1-TPS73718DCQ Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
More results

Similar Description - TPS73712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com