Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3033-682 Datasheet(PDF) 43 Page - PCA ELECTRONICS INC.

Part # EPZ3033-682
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3033-682 Datasheet(HTML) 43 Page - PCA ELECTRONICS INC.

Back Button EPZ3033-682 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPZ3033-682 Datasheet HTML 47Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
E L E C T R O N I C S I N C .
Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Surface Mount Package
• Robust Construction for Reflow Processing
• Operating Temperature : 0°C to 85°C
• Peak Solder Rating (See Note 2)
• RoHS Compliant
EPT7003C & EPT7003C-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CST7003C & -RC
Rev. Orig.2
9/20/05 JDG
Electrical Parameters @ 25° C
Typical CMRR
1
10
100
0
-5
-10
-15
-20
-25
-30
Frequency (MHz)
500
-35
-40
Schematic
8
5
7 6
1
4
2 3
1:1:1:1 ± 5%
CMRR
See Graph
300
Hipot
(Vrms)
Inductance
(µH Min.)
@100 KHz, 100 m Vrms
4.0
Pins 1-8, 2-7, 3-6 and 4-5
DCR
(
Ω Max.)
0.250
Pins 1-8, 2-7, 3-6 and 4-5
Package
.250
(6.35)
Pin 1
I.D.
.010
(.254)
.035
(.889)
.145
(3.68)
.050
(1.27)
.188
(4.78)
Pad
Layout
.320
(8.13)
.060
(1.52)
.030
(.762)
.050
(1.27)
.280
(7.11)
.018/.022
(.457/.559)
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPT7003C-RC
Pb-Free +
(RoHS exemption 7a)
260°C
0.33 grams
1000 pieces/13” reel
(*EPT7003C-RCTR)
EPT7003C
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
0.33 grams
1000 pieces/13” reel
(*EPT7003C-TR)
SnPb


Similar Part No. - EPZ3033-682

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3033-682 PCA-EPZ3033-682 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPZ3033-682

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com