Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V30120S Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. V30120S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

V30120S Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 88974
27-Jul-06
Vishay General Semiconductor
V30120S & VI30120S
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Reverse current (1)
at VR = 90 V
Tj = 25 °C
Tj = 125 °C
IR
14.2
11.3
-
-
µA
mA
at VR = 120 V
Tj = 25 °C
Tj = 125 °C
47.3
23.5
500
35
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30120S
VI30120S
UNIT
Typical thermal resistance
RθJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
ORDERING INFORMATION
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V30120S-E3/45
1.884
45
50/Tube
Tube
TO-262AA
VI30120S-E3/4W
1.456
4W
50/Tube
Tube
Figure 1. Forward Current Derating Curve
Case Temperature (°C)
Resistive or Inductive Load
35
30
25
20
15
10
5
0
0
25
50
75
100
125
150
Figure 2. Forward Power Loss Characteristics
30
25
20
15
10
5
0
35
30
25
20
15
10
5
0
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = tp/T
tp
T
Average Forward Current (A)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn