Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3033-332 Datasheet(PDF) 57 Page - PCA ELECTRONICS INC.

Part # EPZ3033-332
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3033-332 Datasheet(HTML) 57 Page - PCA ELECTRONICS INC.

Back Button EPZ3033-332 Datasheet HTML 53Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 54Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 55Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 56Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 57Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 58Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 59Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 60Page - PCA ELECTRONICS INC. EPZ3033-332 Datasheet HTML 61Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
E L E C T R O N I C S I N C .
Power Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in DC/DC Converter
• UL 94V-0 Recognized Material
• UL 1446 Class B Insulation System
• Operating Temperature : -40°C to +85°C
• Noise suppression Choke
• 4.70 A Rated Current
• 500 Vrms Isolation
EPZ3009GE
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3009GE
Rev. 1
1/8/03
Primary Specification
Schematic
1
3
2
4
Impedance Curve
Frequency
4K
6K
8K
2K
0.1 MHz
1 MHz
20 MHz
10 MHz
0
1K
3K
5K
7K
PCA
EPZ3009GE
D.C.
3
4
.670 Max.
(17.02)
.770
Max.
(19.56)
.390 Max.
(9.91)
.445
(11.30)
.660
(16.76)
.060
(1.52)
.175
(4.45)
.650
(16.51)
1
2
3
4
1
2
Turns Ratio
1 : 1
Pins 1-2 : 3-4
SRF
(MHz Typ. )
3.0
0.768
Pins 1-2, 3-4
Inductance
(mH ± 25%)
@10 KHz, 0.1 Vrms
40
DCR
(m
Ω Max.)
Pins 1-2, 3-4
Matched with ± 5%


Similar Part No. - EPZ3033-332

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3033-332 PCA-EPZ3033-332 Datasheet
1Mb / 50P
   Contents Surface Mount Power Inductor
More results

Similar Description - EPZ3033-332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com