Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14194B Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14194B
Description  4-Bit Bidirectional Universal Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14194B Datasheet(HTML) 3 Page - Motorola, Inc

  MC14194B Datasheet HTML 1Page - Motorola, Inc MC14194B Datasheet HTML 2Page - Motorola, Inc MC14194B Datasheet HTML 3Page - Motorola, Inc MC14194B Datasheet HTML 4Page - Motorola, Inc MC14194B Datasheet HTML 5Page - Motorola, Inc MC14194B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14194B
286
TRUTH TABLE
Operating
Mode
Inputs
(Reset = 1)
Outputs
(@ tn+1)
Operating
Mode
S1
S0
DSR
DSL
DP0–3
Q0
Q1
Q2
Q3
Hold
0
0
X
X
X
Q0
Q1
Q2
Q3
Shift Left
1
0
X
0
X
Q1
Q2
Q3
0
Shift Left
1
0
X
1
X
Q1
Q2
Q3
1
Shift Right
0
1
0
X
X
0
Q0
Q1
Q2
Shift Right
0
1
1
X
X
1
Q0
Q1
Q2
Parallel
1
1
X
X
0
0
0
0
0
Parallel
1
1
X
X
1
1
1
1
1
X = Don’t Care
tn+1 = State after the next positive–going transition of the clock.
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.35 ns/pF) CL + 32 ns
tTLH, tTHL = (0.6 ns/pF) CL + 20 ns
tTLH, tTHL = (0.4 ns/pF) CL + 20 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q
tPLH, tPHL = (0.9 ns/pF) CL + 230 ns
tPLH, tPHL = (0.36 ns/pF) CL + 92 ns
tPLH, tPHL = (0.26 ns/pF) CL + 72 ns
to Q
tPHL = (0.9 ns/pF) CL + 305 ns
tPHL = (0.36 ns/pF) CL + 122 ns
tPHL = (0.26 ns/pF) CL + 97 ns
tPLH,tPHL
5.0
10
15
275
110
85
550
220
170
ns
Reset to Q
tPHL = (0.9 ns/pF) CL + 305 ns
tPHL = (0.36 ns/pF) CL + 122 ns
tPHL = (0.26 ns/pF) CL + 97 ns
tPHL
5.0
10
15
350
140
110
700
280
220
ns
Clock Pulse Width
tWH
5.0
10
15
280
110
85
140
55
40
ns
Reset Pulse Width
tWH
5.0
10
15
180
70
50
90
35
26
ns
Clock Pulse Frequency
(Shift Right or Left Mode)
fcl
5.0
10
15
3.6
9.0
12
1.8
4.5
6.0
MHz
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
15
5
4
µs
Setup Time
Data to Clock
Mode Control (S) to Clock
tsu
5.0
10
15
10
20
40
– 8.0
0
9.0
ns
Mode Control (S) to Clock
5.0
10
15
200
75
55
100
36
27
ns
Hold Time
Data to Clock
Mode Control (S) to Clock
th
5.0
10
15
180
50
35
90
25
10
ns
Mode Control (S) to Clock
5.0
10
15
0
0
0
– 40
– 27
– 20
ns
Reset Removal Time
trem
5.0
10
15
300
110
80
150
55
40
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14194B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
MC14106BCP ONSEMI-MC14106BCP Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106BCP ONSEMI-MC14106BCP Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC14194B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com