Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3033-681 Datasheet(PDF) 46 Page - PCA ELECTRONICS INC.

Part # EPZ3033-681
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3033-681 Datasheet(HTML) 46 Page - PCA ELECTRONICS INC.

Back Button EPZ3033-681 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 47Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 48Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 49Page - PCA ELECTRONICS INC. EPZ3033-681 Datasheet HTML 50Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
E L E C T R O N I C S I N C .
Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Common Mode Attenuation : 200 MHz to 2.5 GHz
• Robust Construction allows for IR/VP processes
• Operating Temperature : -40°C to +85°C
Schematic
EPZ4000SE
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ4000SE
Rev. 3
3/3/03
Electrical Parameters @ 25° C
-2
-4
-6
-8
0.2
-18
-12
-10
-16
1.0
2.0
2.5
Frequency (GHz)
-14
+2
0
1
45
8
OCL
(µH Typ.)
@ 100 KHz, 0.1 Vrms
5
DCR
(
Ω Max.)
0.15
Attenuation Vs Frequency
Pin 1
I.D.
.160
(4.06)
.005/.015
(.127/.381)
.019
(.483)
.050
(1.27)
.075
(1.90)
.050
(1.27)
.030
(.762)
.340
(8.63)
Pad
Layout
.280
(7.11)
.240
(6.09)
.045
(1.14)
.150
Max.
(.381)
PCA
EPZ4000SE
Date Code
.150
(3.81)
.040
(1.01)
.310/.320
(7.87/8.13)
.010
(.254)


Similar Part No. - EPZ3033-681

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3033-681 PCA-EPZ3033-681 Datasheet
44Kb / 2P
   AC Power Line Choke
More results

Similar Description - EPZ3033-681

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com