Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT138X Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BT138X
Description  Triacs sensitive gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT138X Datasheet(HTML) 6 Page - NXP Semiconductors

  BT138X Datasheet HTML 1Page - NXP Semiconductors BT138X Datasheet HTML 2Page - NXP Semiconductors BT138X Datasheet HTML 3Page - NXP Semiconductors BT138X Datasheet HTML 4Page - NXP Semiconductors BT138X Datasheet HTML 5Page - NXP Semiconductors BT138X Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT138X series
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.13. SOT186A; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.3
max
3.2
3.0
4.6
max
2.9 max
2.8
seating
plane
6.4
15.8
max
0.6
2.5
2.54
5.08
12
3
3 max.
not tinned
3
0.5
2.5
0.9
0.7
M
0.4
15.8
max.
19
max.
13.5
min.
Recesses (2x)
2.5
0.8 max. depth
1.0 (2x)
1.3
September 1997
6
Rev 1.200


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BT137X Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BTA08S SENSITIVE GATE TRIACS 1  2  3  4  5  STMicroelectronics
MAC12SM Sensitive Gate Triacs 1  2  3  4  5  More ON Semiconductor
BT138B Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
MAC08BT1 SENSITIVE GATE TRIACS 1  2  3  4  5  More ON Semiconductor
MAC228A Sensitive Gate Triacs Silicon Bidirectional Thyristors 1  2  3  4  5  More ON Semiconductor
BT138 Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BT139B Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
BT139 Triacs sensitive gate 1  2  3  4  5  More NXP Semiconductors
MAC4DHM Sensitive Gate Triacs Silicon Bidirectional Thyristors 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn