Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6326BCRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6326BCRZ
Description  4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6326BCRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6326BCRZ Datasheet HTML 6Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 7Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 8Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 9Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 10Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 11Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 12Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 13Page - Intersil Corporation ISL6326BCRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
FN9286.0
April 21, 2006
OFS - The OFS pin can be used to program a DC offset
current which will generate a DC offset voltage between the
REF and DAC pins. The offset current is generated via an
external resistor and precision internal voltage references.
The polarity of the offset is selected by connecting the
resistor to GND or VCC. For no offset, the OFS pin should
be left unterminated.
TCOMP - Temperature compensation scaling input. The
voltage sensed on the TM pin is utilized as the temperature
input to adjust ldroop and the overcurrent protection limit to
effectively compensate for the temperature coefficient of the
current sense element. To implement the integrated
temperature compensation, a resistor divider circuit is
needed with one resistor being connected from TCOMP to
VCC of the controller and another resistor being connected
from TCOMP to GND. Changing the ratio of the resistor
values will set the gain of the integrated thermal
compensation. When integrated temperature compensation
function is not used, connect TCOMP to GND.
IOUT - IOUT is the output pin of sensed average channel
current. In actual application, a resistor needs to be placed
between IOUT and GND to ensure the proper operation. The
voltage at IOUT pin will be proportional to the load current
and the resistor value. ISL6326B monitors the voltage at
IOUT for overcurrent protection. If the voltage at IOUT pin is
higher than 2V, it will trigger the overcurrent shutdown. By
choosing the proper value for the resistor at IOUT pin, the
overcurrent trip level can be set to be lower than the fixed
internal overcurrent threshold. Tie it to GND if not used.
TM - TM is an input pin for the VR temperature
measurement. Connect this pin through an NTC thermistor
to GND and a resistor to VCC of the controller. The voltage
at this pin is reverse proportional to the VR temperature.
ISL6326B monitors the VR temperature based on the
voltage at the TM pin and outputs VR_HOT and VR_FAN
signals.
VR_HOT - VR_HOT is used as an indication of high VR
temperature. It is an open-drain logic output. It will be pulled
low if the measured VR temperature is less than a certain
level, and open when the measured VR temperature
reaches a certain level. A external pull-up resistor is needed.
VR_FAN - VR_FAN is an output pin with open-drain logic
output. It will be pulled low if the measured VR temperature
is less than a certain level, and open when the measured VR
temperature reaches a certain level. A external pull-up
resistor is needed.
Operation
Multiphase Power Conversion
Microprocessor load current profiles have changed to the
point that the advantages of multiphase power conversion
are impossible to ignore. The technical challenges
associated with producing a single-phase converter which is
both cost-effective and thermally viable have forced a
change to the cost-saving approach of multiphase. The
ISL6326B controller helps reduce the complexity of
implementation by integrating vital functions and requiring
minimal output components. The block diagrams on pages
3, 4, and 5 provide top level views of multiphase power
conversion using the ISL6326B controller.
Interleaving
The switching of each channel in a multiphase converter is
timed to be symmetrically out of phase with each of the other
channels. In a 3-phase converter, each channel switches 1/3
cycle after the previous channel and 1/3 cycle before the
following channel. As a result, the three-phase converter has
a combined ripple frequency three times greater than the
ripple frequency of any one phase. In addition, the peak-to-
peak amplitude of the combined inductor currents is reduced
in proportion to the number of phases (Equations 1 and 2).
Increased ripple frequency and lower ripple amplitude mean
that the designer can use less per-channel inductance and
lower total output capacitance for any performance
specification.
Figure 1 illustrates the multiplicative effect on output ripple
frequency. The three channel currents (IL1, IL2, and IL3)
combine to form the AC ripple current and the DC load
current. The ripple component has three times the ripple
frequency of each individual channel current. Each PWM
pulse is terminated 1/3 of a cycle after the PWM pulse of the
previous phase. The DC components of the inductor currents
combine to feed the load.
FIGURE 1. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 3-PHASE CONVERTER
1µs/DIV
PWM2, 5V/DIV
PWM3, 5V/DIV
IL2, 7A/DIV
IL3, 7A/DIV
IL1 + IL2 + IL3, 7A/DIV
IL1, 7A/DIV
PWM1, 5V/DIV
ISL6326B


Similar Part No. - ISL6326BCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326BCRZ RENESAS-ISL6326BCRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results

Similar Description - ISL6326BCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com