Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6322CRZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6322CRZ-T
Description  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322CRZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6322CRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6322CRZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
FN6328.0
August 21, 2006
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Supply Voltage, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +15V
Absolute Boot Voltage, VBOOT . . . . . . . . GND - 0.3V to GND + 36V
Phase Voltage, VPHASE . . . . . . . . GND - 0.3V to 15V (PVCC = 12)
GND - 8V (<400ns, 20µJ) to 24V (<200ns, VBOOT-PHASE = 12V)
Upper Gate Voltage, VUGATE . . . . VPHASE - 0.3V to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
Lower Gate Voltage, VLGATE. . . . . . . . GND - 0.3V to PVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to PVCC+ 0.3V
Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . Class I JEDEC STD
Recommended Operating Conditions
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
PVCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . +5V to 12V
±5%
Ambient Temperature (ISL6322CRZ) . . . . . . . . . . . . . 0°C to +70°C
Ambient Temperature (ISL6322IRZ) . . . . . . . . . . . . .-40°C to +85°C
Thermal Information
Thermal Resistance
θJA (°C/W) θJC (°C/W)
QFN Package (Notes 1, 2) . . . . . . . . . .
27
2.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. Parameter magnitude guaranteed by design. Not 100% tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BIAS SUPPLIES
Input Bias Supply Current
IVCC; ENLL = high
15
20
25
mA
Gate Drive Bias Current - PVCC1_2 Pin
IPVCC1_2; ENLL = high
2
4.3
6
mA
Gate Drive Bias Current - PVCC3 Pin
IPVCC3; ENLL = high
1
2.1
3
mA
VCC POR (Power-On Reset) Threshold
VCC rising
4.25
4.38
4.50
V
VCC falling
3.75
3.88
4.00
V
PVCC POR (Power-On Reset) Threshold
PVCC rising
4.25
4.38
4.50
V
PVCC falling
3.60
3.88
4.00
V
PWM MODULATOR
Oscillator Frequency Accuracy, FSW
RT = 100kΩ (± 0.1%)
225
250
275
kHz
Adjustment Range of Switching Frequency
(Note 3)
0.08
1.0
MHz
Oscillator Ramp Amplitude, VPP
(Note 3)
1.50
V
Maximum Duty Cycle (Note 3)
(Note 3)
99.5
%
CONTROL THRESHOLDS
ENLL Rising Threshold
0.85
V
ENLL Hysteresis
110
mV
EN_PH4 Rising Threshold
1.160
1.210
1.250
V
EN_PH4 Falling Threshold
1.00
1.06
1.10
V
COMP Shutdown Threshold
COMP falling
0.1
0.2
0.3
V
ISL6322
ISL6322


Similar Part No. - ISL6322CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
logo
Renesas Technology Corp
ISL6322CRZ RENESAS-ISL6322CRZ Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results

Similar Description - ISL6322CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com