Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6322 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL6322
Description  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6322 Datasheet HTML 1Page - Intersil Corporation ISL6322 Datasheet HTML 2Page - Intersil Corporation ISL6322 Datasheet HTML 3Page - Intersil Corporation ISL6322 Datasheet HTML 4Page - Intersil Corporation ISL6322 Datasheet HTML 5Page - Intersil Corporation ISL6322 Datasheet HTML 6Page - Intersil Corporation ISL6322 Datasheet HTML 7Page - Intersil Corporation ISL6322 Datasheet HTML 8Page - Intersil Corporation ISL6322 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
FN6328.0
August 21, 2006
Typical Application - ISL6322 (4-Phase)
VID4
VID5
PGOOD
VID3
VID2
VID1
VCC
ISL6322
VID0
FS
OFS
REF
EN_PH4
PWM4
LOAD
VRSEL
EN
+12V
GND
+12V
PWM
VCC
BOOT
UGATE
PHASE
PVCC
LGATE
GND
ISL6612
+12V
VID6
VID7
+5V
ISEN4-
ISEN4+
ISEN3-
ISEN3+
ISEN2-
ISEN2+
ISEN1-
ISEN1+
FB
COMP
VSEN
RGND
VDIFF
IDROOP
+12V
PHASE1
UGATE1
BOOT1
LGATE1
+12V
PHASE2
UGATE2
BOOT2
LGATE2
PVCC1_2
+12V
PHASE3
UGATE3
BOOT3
LGATE3
PVCC3
SS / RST / A0
SCL
SDA
ISL6322
ISL6322


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn