Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6322 Datasheet(PDF) 40 Page - Intersil Corporation

Part No. ISL6322
Description  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6322 Datasheet(HTML) 40 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40
FN6328.0
August 21, 2006
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
KEY
FIGURE 29. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
HEAVY TRACE ON CIRCUIT PLANE LAYER
CBOOT1
R1
C1
C2
ROFS
RFB
CBIN1
(CHFOUT)
CBOUT
(CF1)
(CF2)
RT
CREF
LOCATE CLOSE TO IC
LOCATE NEAR LOAD;
(MINIMIZE CONNECTION
LOCATE NEAR SWITCHING TRANSISTORS;
(MINIMIZE CONNECTION PATH)
(MINIMIZE CONNECTION PATH)
VID4
VID5
PGOOD
VID3
VID2
VID1
VCC
ISL6322
VID0
FS
OFS
REF
EN_PH4
PWM4
LOAD
VRSEL
EN
+12V
GND
+12V
PWM
VCC
BOOT
UGATE
PHASE
PVCC
LGATE
GND
ISL6612
+12V
VID6
VID7
+5V
ISEN4-
ISEN4+
ISEN3-
ISEN3+
ISEN2-
ISEN2+
ISEN1-
ISEN1+
FB
COMP
VSEN
RGND
VDIFF
IDROOP
+12V
PHASE1
UGATE1
BOOT1
LGATE1
+12V
PHASE2
UGATE2
BOOT2
LGATE2
PVCC1_2
+12V
PHASE3
UGATE3
BOOT3
LGATE3
PVCC3
RSS
CBOOT2
CBOOT3
(CF2)
CBIN2
CBIN3
C1
R1
C1
R1
C1
R1
C1
R1
PATH)
CBIN4
REN1
REN2
SS / RST / A0
SCL
SDA
ISL6322


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn