Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVM737ATF Datasheet(PDF) 8 Page - Semtech Corporation

Part # EVM737ATF
Description  Per-Pin Precision Measurement Unit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM737ATF Datasheet(HTML) 8 Page - Semtech Corporation

Back Button EVM737ATF Datasheet HTML 4Page - Semtech Corporation EVM737ATF Datasheet HTML 5Page - Semtech Corporation EVM737ATF Datasheet HTML 6Page - Semtech Corporation EVM737ATF Datasheet HTML 7Page - Semtech Corporation EVM737ATF Datasheet HTML 8Page - Semtech Corporation EVM737ATF Datasheet HTML 9Page - Semtech Corporation EVM737ATF Datasheet HTML 10Page - Semtech Corporation EVM737ATF Datasheet HTML 11Page - Semtech Corporation EVM737ATF Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Revision 5 / February 20, 2003
www .semtech.com
TEST AND MEASUREMENT PRODUCTS
Edge737
Circuit Description (continued)
REXT Selection
The Edge737 is designed for the voltage drop across RA,
RB, RC, and RD to be
≤ 2V with the maximum current
passing through them.
However, these resistor values
can be changed to support different applications.
Increasing the maximum current beyond the nominal range
is not recommended. However, decreasing the maximum
current is allowed.
Short Circuit Protection
The Edge737 is designed to survive a direct short circuit
to any voltage within the supply rails at the FORCE and
SENSE pins.
Transient Clamps
The Edge737 has on-board clamps to limit the voltage
and current spikes that might result from either changing
the current range or changing the operating mode.
Common Mode Error/Calibration
In order to attain a high degree of accuracy in a typical
ATE application, offset and gain errors are accounted for
through software calibration. When forcing or measuring
a current with the Edge737, an additional source of error,
common mode error, should be accounted for. Common
mode error is a measure of how the common mode
voltage, VCM, at the input of the current sense amplifier
affects the forced or measured current values (see Figure
2). Since this error is created by internal resistors in the
current sense amplifier, it is very linear in nature.
Using the common mode error and common mode linearity
specifications, one can see that with a small number of
calibration steps (see Applications note PMU-A1), the
effect of this error can be significantly reduced.
Compensation Capacitors
COMP1 and COMP2 are internal op amp compensation
pins that require a 120 pF capacitor connected between
the two pins.
CAPI is an external noise compensation pin that can be
used as a low pass filter to eliminate noise from the IVIN
and VINP input pins through the connection of an external
capacitor from CAPI to GND. The relationship between
the roll-off frequency of noise filtered (in Hz) to the external
capacitance (in farads) can be seen below:
Filter Frequency =
CA and CB are internal compensation pins that require a
120 pF capacitor connected between them.
Power Supply Sequencing
In order to help protect the Edge737 from a latch-up
condition, it is important that VCC
≥ All Input Voltages ≥
VEE, and VCC
≥ GND ≥ VEE at all times.
1
80,000
π X CCAPI
Figure 2. Graphical Representation of
Common Mode Error
–5V
7V
VOS@IVMON
VCM@FORCE
CM Error = Slope
CM Linearity


Similar Part No. - EVM737ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EVM737ATF SEMTECH-EVM737ATF Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
More results

Similar Description - EVM737ATF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE4707B SEMTECH-EDGE4707B Datasheet
193Kb / 25P
   Quad Channel Per-Pin Precision Measurement Unit
EDGE4717D SEMTECH-EDGE4717D Datasheet
211Kb / 22P
   Quad Channel, Per Pin Precision Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com