Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2167Q Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2167Q
Description  ADPCM Processor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2167Q Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2167Q Datasheet HTML 1Page - Dallas Semiconductor DS2167Q Datasheet HTML 2Page - Dallas Semiconductor DS2167Q Datasheet HTML 3Page - Dallas Semiconductor DS2167Q Datasheet HTML 4Page - Dallas Semiconductor DS2167Q Datasheet HTML 5Page - Dallas Semiconductor DS2167Q Datasheet HTML 6Page - Dallas Semiconductor DS2167Q Datasheet HTML 7Page - Dallas Semiconductor DS2167Q Datasheet HTML 8Page - Dallas Semiconductor DS2167Q Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS2167/DS2168
022698 2/15
PRODUCT OVERVIEW
The DS2167 and DS2168 contain three major function-
al blocks: a high performance (10 MIPS) DSP “engine,”
two independent PCM data interfaces (“X” and “Y”)
which connect directly to serial time division multiplexed
(TDM) backplanes and a microcontroller-compatible
serial port for on-the-fly device configuration. A 10MHz
master clock is required by the DSP engine. The de-
vices’ dual channel architecture supports full duplex,
dual compression or dual expansion operation. The
PCM data interfaces support 1.544, 2.048 and 4.096
MHz data rates. Each device samples the serial PCM or
ADPCM bit stream during a user-programmed input
timeslot, processes the data and outputs the result dur-
ing a user-programmed output timeslot.
Each PCM interface has a control register which speci-
fies functional characteristics (compress, expand, by-
pass and idle), data format (
µ-law or A-law) and algo-
rithm reset control. With the SPS pin strapped high, the
software mode is enabled and the serial port is used to
program control and timeslot registers. In this mode, a
novel addressing scheme allows multiple devices to
share a common 3-wire control bus, simplifying system
level interconnect.
With SPS low, the hardware mode is enabled. This
mode disables the serial port and maps appropriate
control register bits to address and port inputs. Under
hardware mode, no host controller is required and all
PCM I/O defaults to timeslot 0. This stand-alone mode is
compatible with popular codecs.
DS2168 BLOCK DIAGRAM Figure 1
“X” SIDE PCM/ADPCM
DATA INTERFACE
SERIAL PORT CONTROL/
HARDWARE MODE LOGIC
“Y” SIDE PCM/ADPCM
DATA INTERFACE
RESET AND TEST LOGIC
ADPCM
PROCESSING
“ENGINE”
MCLK
VDD
VSS
FSX
CLKX
XIN
SCLK
SPS
CS
SDI
A0 - A5
FSY
CLKY
YIN
YOUT
RST
TM0
TM1
XOUT


Similar Part No. - DS2167Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2167 MAXIM-DS2167 Datasheet
115Kb / 15P
   ADPCM Processor
022698
More results

Similar Description - DS2167Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2167 MAXIM-DS2167 Datasheet
115Kb / 15P
   ADPCM Processor
022698
DS2164Q MAXIM-DS2164Q Datasheet
265Kb / 17P
   G.726 ADPCM Processor
070802
logo
Dallas Semiconductor
DS2164Q DALLAS-DS2164Q Datasheet
259Kb / 17P
   G.726 ADPCM Processor
logo
List of Unclassifed Man...
BT8110 ETC-BT8110 Datasheet
905Kb / 84P
   High-Capacity ADPCM Processor
AT2008 ETC1-AT2008 Datasheet
286Kb / 19P
   8 Channels ADPCM Processor
logo
Dallas Semiconductor
DS2165-DS2165Q DALLAS-DS2165-DS2165Q Datasheet
336Kb / 17P
   16/24/32kbps ADPCM Processor
logo
Maxim Integrated Produc...
DS2165 MAXIM-DS2165 Datasheet
342Kb / 17P
   16/24/32kbps ADPCM Processor
070802
logo
List of Unclassifed Man...
AT2004 ETC1-AT2004 Datasheet
326Kb / 25P
   4 Channels ADPCM Processor with Echo Cancellation and Conferencing
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com