Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1338 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1338
Description  128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1338 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1338 Datasheet HTML 7Page - Cypress Semiconductor CY7C1338 Datasheet HTML 8Page - Cypress Semiconductor CY7C1338 Datasheet HTML 9Page - Cypress Semiconductor CY7C1338 Datasheet HTML 10Page - Cypress Semiconductor CY7C1338 Datasheet HTML 11Page - Cypress Semiconductor CY7C1338 Datasheet HTML 12Page - Cypress Semiconductor CY7C1338 Datasheet HTML 13Page - Cypress Semiconductor CY7C1338 Datasheet HTML 14Page - Cypress Semiconductor CY7C1338 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY7C1338
11
Read Cycle Timing[13, 15]
Note:
15. RDx stands for Read Data from Address X.
Timing Diagrams (continued)
ADSP
CLK
ADSC
ADV
ADD
CE1
OE
GW
WE
CE2
CE3
2a
2c
1a
Data Out
tCYC
tCH
tCL
tADS
tADH
tADS
tADH
tADVS
tADVH
RD1
RD2
RD3
tAH
tAS
tWS
tWH
tWH
tWS
tCES
tCEH
tCES
tCEH
tCES
tCEH
tCDV
tEOV
2b
2c
2d
3a
1a
tOEHZ
tDOH
tCLZ
tCHZ
Single Read
Burst Read
Unselected
ADSP ignored with CE1 inactive
Suspend Burst
CE1 masks ADSP
= DON’T CARE
= UNDEFINED
Pipelined Read
ADSC initiated read
Unselected with CE2


Similar Part No. - CY7C1338

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338 CYPRESS-CY7C1338 Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338B-100AC CYPRESS-CY7C1338B-100AC Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338B-100AI CYPRESS-CY7C1338B-100AI Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338B-100BGC CYPRESS-CY7C1338B-100BGC Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
More results

Similar Description - CY7C1338

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Alliance Semiconductor ...
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com