Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8855-20PH Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS8855-20PH
Description  500mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-20PH Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS8855-20PH Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8855-20PH Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
7/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
OUTPUT VOLTAGE vs. AMBIENT
TEMPERATURE
3.26
3.28
3.30
3.32
3.34
3.36
-40
-30
-20
-10
0
1020304050
607080
AMBIENT TEMPERATURE (℃)
OUTPUT NOISE DC to 1MHz (39uVRMS)
GROUND PIN CURRENT vs. INPUT VOLTAGE
0
20
40
60
80
100
120
140
160
0
123
45
678
9
10
11
INPUT VOLTAGE (V)
OUTPUT NOISE to 1MHz (74uVRMS)
LINE TRANSIENT (IOUT=0mA)
LINE TRANSIENT (IOUT=10mA)
Iload
=0mA
Iload
=500mA
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT


Similar Part No. - FS8855-20PH

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855-25GI FORTUNE-FS8855-25GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-25GL FORTUNE-FS8855-25GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-28GI FORTUNE-FS8855-28GI Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
FS8855-28GL FORTUNE-FS8855-28GL Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results

Similar Description - FS8855-20PH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com