Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2002AL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D2002AL
Description  Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D2002AL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D2002AL Datasheet HTML 1Page - List of Unclassifed Manufacturers D2002AL Datasheet HTML 2Page - List of Unclassifed Manufacturers D2002AL Datasheet HTML 3Page - List of Unclassifed Manufacturers D2002AL Datasheet HTML 4Page - List of Unclassifed Manufacturers D2002AL Datasheet HTML 5Page - List of Unclassifed Manufacturers D2002AL Datasheet HTML 6Page - List of Unclassifed Manufacturers D2002AL Datasheet HTML 7Page - List of Unclassifed Manufacturers D2002AL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MEMSIC MXD2002A/B Rev.E
Page 2 of 8
5/15/2004
MXD2002A/B SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 unless otherwise noted, VDD, VDA =
5.0V unless otherwise specified)
Parameter
Conditions
Min
MXD2002A/B
Typ
Max
Units
SENSOR INPUT
Measurement Range1
Each Axis
±10
g
Nonlinearity
Best fit straight line
1.0
2.0
% of FS
Alignment Error2
±1.0
degrees
Transverse Sensitivity3
±2.0
%
SENSITIVITY
DOUTX and DOUTY
Each Axis
@5.0V supply
1.80
2.00
2.20 % Duty
Cycle/g
Change over Temperature (uncompensated)4
∆ from 25°C, at –40°C
+93
%
∆ from 25°C, at +105°C
-47
%
Change over Temperature (compensated) 4
∆ from 25°C, –40°C to +105°C
<3.0
%
ZERO g BIAS LEVEL
0 g Offset5
Each Axis
-0.70
0.00
+0.70
g
0 g Duty Cycle5
48.6
50
51.4
% Duty Cycle
0 g Offset over Temperature
∆ from 25°C
∆ from 25°C, based on 2%/g
±2.0
±004
mg/
°C
% /
°C
NOISE PERFORMANCE
Noise Density, % Duty Cycle
.0015
0.005 % Duty
Cycle/
Hz
FREQUENCY RESPONSE
3dB Bandwidth
30
Hz
TEMPERATURE OUTPUT
Tout Voltage
1.15
1.25
1.35
V
Sensitivity
4.6
5.0
5.4
mV/
°K
VOLTAGE REFERENCE
VRef
@2.7V-5.0V supply
2.4
2.5
2.65
V
Change over Temperature
0.1
mV/
°C
Current Drive Capability
Source
100
µA
SELF TEST
Continuous Voltage at DOUTX, DOUTY under
Failure
@5.0V Supply, output rails to
supply voltage
5.0
V
Continuous Voltage at DOUTX, DOUTY under
Failure
@2.7V Supply, output rails to
supply voltage
2.7
V
DOUTX and DOUTY OUTPUTS
Digital Signal of 100 Hz or 400Hz
Normal Output Range
@5.0V Supply
@2.7V Supply
0.1
0.1
4.9
2.6
V
V
Current
Source or sink, @ 2.7V-5.0V supply
100
µA
Rise/Fall Time
2.7 to 5.0V Supply
90
100
110
nSec
POWER SUPPLY
Operating Voltage Range
2.7
5.25
V
Supply Current
@ 5.0V
3.0
4.2
4.9
mA
Supply Current6,7
@ 2.7V
3.0
5.4
6
mA
TEMPERATURE RANGE
Operating Range
-40
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated
axis of sensitivity.
3 Transverse sensitivity is the algebraic sum of the alignment and the
inherent sensitivity errors
4 The sensitivity change over temperature for thermal accelerometers is
based on variations in heat transfer that are governed by the laws of
physics and it is highly consistent from device to device. Please refer to
the section in this data sheet titled “Compensation for the Change of
Sensitivity over Temperature” for more information.
5 The device operates over a 2.7V to 5.25V supply range. Please note that
sensitivity and zero g bias level will be slightly different at 2.7V operation.
For devices to be operated at 2.7V/3.0V in production, they can be
trimmed at the factory specifically for this lower supply voltage operation,
in which case the sensitivity and zero g bias level specifications on this
page will be met. Please contact the factory for specially trimmed devices
for low supply voltage operation.
6 Note that the accelerometer has a constant heater power control circuit
thereby displaying higher supply current at lower operating voltage.


Similar Part No. - D2002AL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2002 SEME-LAB-D2002 Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
More results

Similar Description - D2002AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
MXD202 ETC1-MXD202 Datasheet
239Kb / 8P
   Low Cost, 2.0g, Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
   Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
   Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
   Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com