Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82077AA-5 Datasheet(PDF) 10 Page - Intel Corporation

Part # 82077AA-5
Description  CHMOS SINGLE-CHIP FLOPPY DISK CONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82077AA-5 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 82077AA-5 Datasheet HTML 6Page - Intel Corporation 82077AA-5 Datasheet HTML 7Page - Intel Corporation 82077AA-5 Datasheet HTML 8Page - Intel Corporation 82077AA-5 Datasheet HTML 9Page - Intel Corporation 82077AA-5 Datasheet HTML 10Page - Intel Corporation 82077AA-5 Datasheet HTML 11Page - Intel Corporation 82077AA-5 Datasheet HTML 12Page - Intel Corporation 82077AA-5 Datasheet HTML 13Page - Intel Corporation 82077AA-5 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
82077AA
The tuning of the PLL for tape characteristics can
also be done in hardware If a 0 (GND) is applied to
pin 39 (PLL0) the PLL is optimized for tape drives a
1(VCC) optimizes the PLL for floppies This hard-
ware selection mechanism overrides the software
selection scheme A typical hardware application
would route the Drive Select pin used for tape drive
support to pin 39 (PLL0)
215 DATARATE SELECT REGISTER (DSR)
This register is included for compatibility with the
82072 floppy controller and is write-only Changing
the data rate changes the timings of the drive con-
trol signals To ensure that drive timings are not vio-
lated when changing data rates choose a drive tim-
ing such that the fastest data rate will not violate the
timing
76543210
SW
POWER
PRE-
PRE-
PRE-
DRATE DRATE
RESET DOWN
0
COMP
COMP
COMP
SEL 1
SEL 0
210
This register is the same as used in the 82072 ex-
cept that the internalexternal PLL select bit is re-
moved It is recommended that bit 5 be written with
a 0 for compatibility
SW RESET behaves the same as DOR RESET ex-
cept that this reset is self clearing
POWER DOWN deactivates the internal clocks and
shuts off the oscillator Disk control pins are put in
an inactive state All input signals must be held in a
valid state (DC level 1 or 0) POWER DOWN is exit-
ed by activating one of the reset functions
PRECOMP 0 – 2 adjusts the WRDATA output to the
disk to compensate for magnetic media phenomena
known as bit shifting The data patterns that are sus-
ceptible to bit shifting are well understood and the
82077AA compensates the data pattern as it is writ-
ten to the disk The amount of precompensation is
dependent upon the drive and media but in most
cases the default value is acceptable
The 82077AA starts precompensating the data pat-
tern starting on Track 0 The CONFIGURE com-
mand can change the track that precompensating
starts on Table 2-2 lists the precompensation val-
ues that can be selected and Table 2-3 lists the de-
fault precompensation values The default value is
selected if the three bits are zeros
DRATE 0 – 1 select one of the four data rates as
listed in Table 2-4 The default value is 250 Kbps
upon a chip (‘‘Hardware’’) reset Other (‘‘Software’’)
Resets do not affect the DRATE or PRECOMP bits
Table 2-2 Precompensation Delays
PRECOMP
Precompensation Delay
432
111
000 nsDISABLED
001
4167 ns
010
8334 ns
011
12500 ns
100
16667 ns
101
20833 ns
110
25000 ns
000
DEFAULT
Table 2-3 Default Precompensation Delays
Data Rate
Precompensation Delays
1 Mbps
4167 ns
500 Kbps
125 ns
300 Kbps
125 ns
250 Kbps
125 ns
Table 2-4 Data Rates
DRATESEL
DATA RATE
1
0
MFM
1
1
1 Mbps
0
0
500 Kbps
0
1
300 Kbps
1
0
250 Kbps
216 MAIN STATUS REGISTER (MSR)
The Main Status Register is a read-only register and
is used for controlling command input and result out-
put for all commands
76543210
RQM
DIO
NON
CMD
DRV 3
DRV 2
DRV 1
DRV 0
DMA
BSY
BUSY
BUSY
BUSY
BUSY
RQMIndicates that the host can transfer data if
set to a 1 No access is permitted if set to a 0
DIOIndicates the direction of a data transfer once
RQM is set A 1 indicates a read and a 0 indicates a
write is required
NON-DMAThis mode is selected in the SPECIFY
command and will be set to a 1 during the execution
phase of a command This is for polled data trans-
fers and helps differentiate between the data trans-
fer phase and the reading of result bytes
10


Similar Part No. - 82077AA-5

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8207 FILTRAN-8207 Datasheet
182Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
logo
Mallory performance clu...
8207 MALLORY-8207 Datasheet
191Kb / 2P
   MSD Blaster SS Coil
logo
FIBOX Enclosing innovat...
8207050 FIBOX-8207050 Datasheet
48Kb / 1P
   Mounting plate, for enclosures
26.07.2023
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
82078-1 INTEL-82078-1 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results

Similar Description - 82077AA-5

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S82078 INTEL-S82078 Datasheet
70Kb / 3P
   82078 CHMOS SINGLE-CHIP FLOPPY DISK CONTROLLER
logo
UMC Corporation
UM8397 UMC-UM8397 Datasheet
1Mb / 17P
   Single-Chip floppy disk controller
UM8388 UMC-UM8388 Datasheet
760Kb / 12P
   Single-Chip floppy disk controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com