Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV-2 Datasheet(PDF) 8 Page - Cirrus Logic

Part # EV-2
Description  Digital Audio Networking Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EV-2 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button EV-2 Datasheet HTML 4Page - Cirrus Logic EV-2 Datasheet HTML 5Page - Cirrus Logic EV-2 Datasheet HTML 6Page - Cirrus Logic EV-2 Datasheet HTML 7Page - Cirrus Logic EV-2 Datasheet HTML 8Page - Cirrus Logic EV-2 Datasheet HTML 9Page - Cirrus Logic EV-2 Datasheet HTML 10Page - Cirrus Logic EV-2 Datasheet HTML 11Page - Cirrus Logic EV-2 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Rev. 2.1
8
CobraNet™ EV-2
Switch and Connector Functionality
J300
Audio Input Connector: Phoenix-style connector for two-channel balanced audio input,
+14.4 dBu maximum (0 dBFS). Refer to Figure 3 for the signal connection.
J401
Audio Output Connector: Phoenix-style connector for two-channel balanced audio output,
+8.3 dBu maximum (0 dBFS). Refer to Figure 3 for the signal connection.
J700
AES3 I/O Connector: Phoenix-style connector for an AES3 stream. Refer to Figure 4 for the
signal connection. For the AES3 tranceiver to operate properly a vailid AES3 signal must be
provided at the AES3 input.
P450
ATX power supply connector: ATX power supply is not included with this kit.
P501
9-Pin, D-Type Connector: RS232 connection for communicating with the EV-2 microcontroller
using the supplied routing software or a command line interface ( see Appendix E ). Data
format is 19200, e, 8, 1.
P504
9-Pin, D-Type Connector: RS232 connection to the CM for serial bridging. The default data
format is 19200 baud, 9-bit format for the CM-1. 9-bit format supports any 8 bit format with
parity such as 19200, e, 8, 1. The default data format for the CM-2 is 19200 baud, 8-bit
format.
+
-
gnd
+
-
gnd
Right
Left
Figure 3. Analog Audio Input and Output Phoenix-style Connectors
+
-
gnd
Output
+
-
gnd
Input
Figure 4. AES3 I/O Phoenix-style Connector


Similar Part No. - EV-2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EV-20-4 FESTO-EV-20-4 Datasheet
92Kb / 1P
   Clamping module
12/7/22
EV-20/120-5 FESTO-EV-20/120-5 Datasheet
92Kb / 1P
   Clamping module
12/7/22
EV-20/180-5 FESTO-EV-20/180-5 Datasheet
93Kb / 1P
   Clamping module
12/7/22
EV-20/75-5 FESTO-EV-20/75-5 Datasheet
92Kb / 1P
   Clamping module
12/7/22
EV-25-4 FESTO-EV-25-4 Datasheet
92Kb / 1P
   Clamping module
12/7/22
More results

Similar Description - EV-2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS496122-CQZ CIRRUS-CS496122-CQZ Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS1810XX CIRRUS-CS1810XX Datasheet
679Kb / 54P
   Digital Audio Networking Processor
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com