Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2MBI100SC-120 Datasheet(PDF) 3 Page - Fuji Electric

Part No. 2MBI100SC-120
Description  1200V / 100A 2 in one-package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

2MBI100SC-120 Datasheet(HTML) 3 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2MBI100SC-120
IGBT Module
0
50
100
150
50
100
500
1000
ton
tr
toff
tf
Switching time vs. Collector current (typ.)
Vcc=600V, VGE=±15V, Rg= 9.1 ohm, Tj= 25°C
Collector current : Ic [ A ]
0
50
100
150
50
100
500
1000
tf
tr
ton
toff
Switching time vs. Collector current (typ.)
Vcc=600V, VGE=±15V, Rg= 9.1ohm, Tj= 125°C
Collector current : Ic [ A ]
1
10
100
300
50
100
500
1000
5000
toff
ton
tr
tf
Switching time vs. Gate resistance (typ.)
Vcc=600V, Ic=100A, VGE=±15V, Tj= 25°C
Gate resistance : Rg [ohm]
0
50
100
150
200
0
5
10
15
20
25
30
Err(25°C)
Eoff(25°C)
Eon(25°C)
Err(125°C)
Eoff(125°C)
Eon(125°C)
Switching loss vs. Collector current (typ.)
Vcc=600V, VGE=±15V, Rg=9.1ohm
Collector current : Ic [ A ]
1
10
100
300
0
10
20
30
40
50
60
70
Switching loss vs. Gate resistance (typ.)
Vcc=600V, Ic=100A, VGE=±15V, Tj= 125°C
Gate resistance : Rg [ohm]
Eon
Err
Eoff
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
Reverse bias safe operating area
+VGE=15V, -VGE=<15V, Rg=>9.1ohm, Tj=<125°C
Collector - Emitter voltage : VCE [ V ]


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2MBI300UD-1201200V / 300A 2 in one-package IGBT Module U-Series 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn