Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33889 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part No. MC33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33889 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Max
Unit
ELECTRICAL RATINGS
Supply Voltage at VSUP
Continuous voltage
Transient voltage (Load dump)
VSUP
-0.3 to 27
40
V
Logic Signals
(RX, TX, MOSI, MISO, CS, SCLK, RST, WDOG, INT)
VLOG
-0.3 to VDD1 +0.3
V
Output current VDD1
I
Internally Limited
mA
HS1
Voltage
Output Current
V
I
-0.2 to VSUP +0.3
Internally Limited
V
A
L0, L1
DC Input voltage
DC Input current
Transient input voltage (according to ISO7637 specification) and with
external component per Figure 3.
VWU
IWU
VTRWU
-0.3 to 40
-2.0 to 2.0
+-100
V
mA
V
DC voltage at V2 (V2INT)
V2INT
0 to 5.25
V
DC Voltage On Pins CANH, CANL
VBUS
-20 to +27
V
Transient Voltage At Pins CANH, CANL
0.0 < V2-INT < 5.5 V; VSUP = 0.0; T < 500 ms
VCANH/VCANL
-40 to +40
V
Transient Voltage On Pins CANH, CANL
(Coupled Through 1.0 nF Capacitor)
VTR
-150 to +100
V
DC Voltage On Pins RTH, RTL
VRTL, VRTH
-0.3 to +27V
V
Transient Voltage At Pins RTH, RTL
0.0 < V2-INT < 5.5 V; VSUP = 0.0; T < 500 ms
VRTH/VRTL
-0.3 to +40
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn