Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33889 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part No. MC33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33889 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33889
PIN CONNECTIONS
25
MISO
Output
Master In/Slave Out
SPI data sent to the MCU by the 33889. When CSLOW is HIGH, the pin
is in the high impedance state.
26
MOSI
Input
Master Out/Slave In
SPI data received by the 33889.
27
CS
Input
Chip Select
The CSLOW input pin is used with the SPI bus to select the 33889. When
the CSLOW is asserted LOW, the 33889 is the selected device of the SPI
bus.
28
WDOG
Output
Watchdog
The WDOG output pin is asserted LOW if the software watchdog is not
correctly triggered.
Table 2. Pin Definitions (continued)
A functional description of each pin can be found in the Functional pin description section page 24.
Pin
Pin Name
Pin
Function
Formal Name
Definition


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn