Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33889 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MC33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33889 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC33889 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 24. Status bits
TIM REGISTERS
Description: This register is split into 2 sub registers, TIM1 and TIM2.
TIM1 controls the watchdog timing selection as well as the window or timeout option. TIM1 is selected when bit D3 is 0.
TIM2 is used to define the timing for the cyclic sense and forced wake-up function. TIM2 is selected when bit D3 is 1.
No read operation is allowed for registers TIM1 and TIM2
TIM REGISTER
Table 25. TIM Register.
L0WUb
L0WUa
FDIS bit in CAN
register
Description
0
0
0
No wake-up occurred at L0 (sleep or stop mode).
Low level state on L0 (standby or normal mode)
1
1
0
Wake-up occurred at L0 (sleep or stop mode).
High level state on L0 (standby or normal mode)
0
1
1
Wake-up occurred at L0 (sleep or stop mode with L0 filter disable). WUR must be set
to xx00 before sleep or stop mode.
L1WUb
L1WUa
Description
0
0
No wake-up occurred at L1 (sleep or stop mode).
Low level state on L1 (standby or normal mode)
1
1
Wake-up occurred at L1 (sleep or stop mode).
High level state on L1 (standby or normal mode)
TIM1
D3
D2
D1
D0
$101b
W
0
WDW
WDT1
WDT0
R
Reset
0
0
0
Reset condition
POR, RESET
POR, RESET
POR, RESET


Similar Part No. - MC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33889BDW FREESCALE-MC33889BDW Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889BDWR2 FREESCALE-MC33889BDWR2 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889DDW FREESCALE-MC33889DDW Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889DDWR2 FREESCALE-MC33889DDWR2 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Similar Description - MC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com