Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M60006P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M60006P
Description  12-bit I/O EXPANDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M60006P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M60006P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66006P/FP
12-BIT I/O EXPANDER
3
Test conditions
VO=0.1V, VCC–0.1V
|IO|=20
µA
VO=0.1V, VCC–0.1V
|IO|=20
µA
VO=0.1V, VCC–0.1V
|IO|=20
µA
VO=0.1V, VCC–0.1V
|IO|=20
µA
VI=VT+, VT–
VCC=4.5V
VI=VT+, VT–
VCC=6V
VI=VCC, GND, VCC=6V
Conditions
VI<0V
VI>VCC
VO<0V
VO>VCC
GND
Ratings
–0.5 ~ +7.0
–0.5 ~ VCC + 0.5
–0.5 ~ VCC + 0.5
–20
20
–20
20
–48
–60 ~ 150
Symbol
VCC
VI
VO
IIK
IOK
IGND
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Input protection diode current
Output parasitic diode current
GND current
Storage temperature
Unit
V
V
V
mA
mA
mA
°C
ABSOLUTE MAXIMUM RATINGS (Ta = –20 ~ 75
°C unless otherwise noted)
RECOMMENDED OPERATIONAL CONDITIONS
Symbol
VCC
VI
VO
Topr
Parameter
Supply voltage
Input voltage
Output voltage
Operating temperature
Limits
Min.
2
0
0
–20
Typ.
Max.
6
VCC
VCC
75
Unit
V
V
V
°C
Symbol
VT+
VT–
VIH
VIL
VOL
IO
ICC
Parameter
Positive direction
threshold voltage *1
Negative direction
threshold voltage *1
“H” input voltage *2
“L” input voltage *2
“L” output voltage
Maximum output leak
current
Static power dissipation
ELECTRICAL CHARACTERISTICS (VCC = 2 ~ 6V unless otherwise noted)
Limits
Max.
0.8
× VCC
0.65
× VCC
0.25
× VCC
0.5
10.0
–10.0
100.0
Min.
0.35
× VCC
0.2
× VCC
0.75
× VCC
Max.
0.8
× VCC
0.65
× VCC
0.25
× VCC
0.4
1.0
–1.0
10.0
Typ.
Unit
V
V
V
V
V
µA
µA
Min.
0.35
× VCC
0.2
× VCC
0.75
× VCC
Ta=25˚C
Ta= –20~75˚C
IOL=3mA
VO=VCC
VO=GND
*1: DI, CLK, CS, S
*2: D1~D12
Symbol
fmax
tPLZ
tPZL
tPLZ
tPZL
tPLZ
Parameter
Maximum repeat frequency
Output “L-Z”, “Z-L” propagation time
CLK-DO
Output “L-Z”, “Z-L” propagation time
CS-D1 to D12
Output “L-Z” propagation time S-DO, D1 to D12
SWITCHING CHARACTERISTICS (VCC = 5V)
Unit
MHz
ns
ns
ns
ns
ns
Limits
Max.
400
400
400
400
400
Min.
1.9
Max.
300
300
300
300
300
Typ.
Min.
2.5
CL=50pF
RL=1k
(Note 2)
Ta=25˚C
Ta= –20~75˚C
Test conditions


Similar Part No. - M60006P

ManufacturerPart #DatasheetDescription
logo
Heyco.
M6000 HEYCO-M6000 Datasheet
307Kb / 1P
   HEYbrid™ Stainless Steel Liquid Tight Cordgrips
logo
ML Accessories Limited....
M6000 KNIGHTSBRIDGE-M6000 Datasheet
230Kb / 1P
   Metal Clad 13A Fused Spur Unit
11/04/2024
M6000N KNIGHTSBRIDGE-M6000N Datasheet
253Kb / 1P
   Metal Clad 13A Fused Spur Unit with Neon
11/04/2024
More results

Similar Description - M60006P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
   24-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Remote 8-Bit I/O Expander
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com