Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14LC5447 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14LC5447
Description  Calling Line Identification (CLID) Receiver with Ring Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5447 Datasheet(HTML) 3 Page - Motorola, Inc

  MC14LC5447 Datasheet HTML 1Page - Motorola, Inc MC14LC5447 Datasheet HTML 2Page - Motorola, Inc MC14LC5447 Datasheet HTML 3Page - Motorola, Inc MC14LC5447 Datasheet HTML 4Page - Motorola, Inc MC14LC5447 Datasheet HTML 5Page - Motorola, Inc MC14LC5447 Datasheet HTML 6Page - Motorola, Inc MC14LC5447 Datasheet HTML 7Page - Motorola, Inc MC14LC5447 Datasheet HTML 8Page - Motorola, Inc MC14LC5447 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14LC5447
MOTOROLA
3
SWITCHING CHARACTERISTICS (VDD = + 5 V, CL = 50 pF, TA = + 25°C)
Description
Symbol
Min
Typ
Max
Unit
OSC Startup (CLKSIN = 1; 3.579 MHz XTAL)
tDOSC
2
ms
Power–Up Low to FSK (Setup Time)
tSUPD
15
ms
Carrier Detect Acquisition Time
tDAQ
14
ms
End of Data to Carrier Detect High
tDCH
8
ms
TIMING DIAGRAM
OSC
PWRUP
RT
DOC
RI
2 SECONDS
0.5
SECOND
0.5
SECOND
DATA
0101
1
COOKED DATA
RAW DATA
CLOCK 3.58 MHz, 3.6864 MHz, OR 455 kHz
tDOSC
tDCH
tDAQ
tSUPD
DOR
RDO
CDO
THRESHOLD TO KEEP PART ON
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MC14LC5447

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC14LC5480 FREESCALE-MC14LC5480 Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480DW FREESCALE-MC14LC5480DW Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480P FREESCALE-MC14LC5480P Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480SD FREESCALE-MC14LC5480SD Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
More results

Similar Description - MC14LC5447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
logo
Integrated Circuit Syst...
ICS1660 ICST-ICS1660 Datasheet
108Kb / 7P
   Incoming Call Line Identification (ICLID) Receiver with Ring Detection
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
   Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com