Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1511 Datasheet(PDF) 4 Page - Anachip Corp

Part No. AP1511
Description  PWM Control 5A Step-Down Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANACHIP [Anachip Corp]
Homepage  
Logo 

AP1511 Datasheet(HTML) 4 Page - Anachip Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP1511
PWM Control 5A Step-Down Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Mar 4, 2005
4/5
Test Circuit
A
FB
VCC
VSS
EN
open
open
FB
VCC
VSS
EN
+
-
OUTPUT
OUTPUT
A
FB
VCC
VSS
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
PVcc
PVcc
PVcc
Function Description
PWM Control
The AP1511 consists of DC/DC converters that
employ a pulse-width modulation (PWM) system.
In converters of the AP1511, the pulse width varies
in a range from 0 to 100%, according to the load
current. The ripple voltage produced by the
switching can easily be removed through a filter
because the switching frequency remains constant.
Therefore, these converters provide a low-ripple
power over broad ranges of input voltage and load
current.
Marking Information
( Top View )
SOP-16L
1
9
8
AP1511
YY WW X
Logo
ID code: internal
Year: "01" = 2001
"02" = 2002
Xth week: 01~52
16
Part No.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn