Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17393AF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA17393AF
Description  Dual Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17393AF Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA17393AF Datasheet HTML 1Page - Renesas Technology Corp HA17393AF Datasheet HTML 2Page - Renesas Technology Corp HA17393AF Datasheet HTML 3Page - Renesas Technology Corp HA17393AF Datasheet HTML 4Page - Renesas Technology Corp HA17393AF Datasheet HTML 5Page - Renesas Technology Corp HA17393AF Datasheet HTML 6Page - Renesas Technology Corp HA17393AF Datasheet HTML 7Page - Renesas Technology Corp HA17393AF Datasheet HTML 8Page - Renesas Technology Corp HA17393AF Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HA17393A Series
Rev.3.00 Mar 10, 2006 page 2 of 8
• Low electro-magnetic susceptibility
Measurement Condition
1 k
+
1 k
0.01
µF
−10 dBm
RF signal source
(for quasi-RF noise)
Vcc = 5 V
Vcc
Vout
Vin
5.1 k
HA17393A Vout vs. Vin
6.0
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
0.85
0.90
0.95
1.00
1.10
1.05
1.15
Vin (V)
1 V
HA17393A (10 MHz)
HA17393A (100 MHz)
HA17393A (0 Hz)
HA17393 Vout vs. Vin
6.0
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
0.85
0.90
0.95
1.00
1.10
1.05
1.15
Vin (V)
HA17393 (10 MHz)
HA17393 (100 MHz)
HA17393 (0 Hz)
Ordering Information
Type No.
Application
Package Name
Package Code
HA17393A
DIP-8 pin
PRDP0008AF-B
HA17393AF
SOP-8 pin (JEITA)
PRSP0008DE-B
HA17393ARP
SOP-8 pin (JEDEC)
PRSP0008DD-C
HA17393AT
Commercial use
TSSOP-8 pin
PTSP0008JC-B


Similar Part No. - HA17393AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
   Dual Comparators
More results

Similar Description - HA17393AF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
Ceramate Technical
CO393 CERAMATE-CO393 Datasheet
95Kb / 4P
   Dual comparators
logo
Renesas Technology Corp
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
   Dual Comparators
logo
Panasonic Semiconductor
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
   Dual Comparators
logo
Renesas Technology Corp
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
   Dual Comparators
logo
Rohm
BA10393 ROHM-BA10393 Datasheet
52Kb / 4P
   Dual comparators
logo
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17903A RENESAS-HA17903A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17393B RENESAS-HA17393B Datasheet
119Kb / 8P
   Dual Comparators
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com