Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14568 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part No. MC14568
Description  Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC14568 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Sensors
2
Freescale Semiconductor
MC14568
Figure 2. Functional Block Diagram
CAUTION: CMOS devices have input static protection but are susceptible to damage when exposed to extremely high static electrical charges.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage Range
VDD
-0.5 to +15
V
Input Voltage Range
VIN
-0.3 to VDD +0.3
V
Maximum Current (Source/Sink) by Pins 6 (VDD) and Pin 9 (VSS)
IDS
30
mA
Maximum Current Input Pins
IIN
±10
mA
Maximum Current Output Pins (Pins 2, 4, 5, 10, 11)
±25
mA
Maximum Current (Pin 15)
±1.0
mA
Operating Temperature Range
TA
0 to +50
°C
Storage Temperature Range
TSTG
-55 to +125
°C
Human Body Model ESD Rating
VESD
1000
V
(
)
VDD
6
3
13
9
2
I/O
VDD
LOGIC
LOW-V SET.
SENSITIVITY SET.
–Supply
VSS
13
15
16
1
+
+
+
FEEDBACK
HORN 2
HORN 1
LED
5
VDD
Power On
Reset
Oscillator
& Timing
12
7
4
VDD
OSC CAP.
TIMING RES.
TIMER
OUT
TIMER
START
8
11
10


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn