Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LIST-C155KGJSKT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part No. LIST-C155KGJSKT
Description  Dual color chip LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LIST-C155KGJSKT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LIST-C155KGJSKT Datasheet HTML 1Page - Lite-On Technology Corporation LIST-C155KGJSKT Datasheet HTML 2Page - Lite-On Technology Corporation LIST-C155KGJSKT Datasheet HTML 3Page - Lite-On Technology Corporation LIST-C155KGJSKT Datasheet HTML 4Page - Lite-On Technology Corporation LIST-C155KGJSKT Datasheet HTML 5Page - Lite-On Technology Corporation LIST-C155KGJSKT Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
       
     
   !"°°°°#

'&'+,--./&.'
 

)"
&%'(
-
-

&)*%$
+!'$,,-!&$
6
6

$$*%$
36
36

'.* °
65
65
+°
/01.
--
1
2(.($/.
°34°
.($/.
°+4°
7%&    
806°9-& !
$ &    
806°9-& !
: !&    
8,-°93; !
 $..5//6%
  (*'&'+,--./&.'
*8$0
1(&+2+,3,45


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NUD4301 Dual Low Dropout Voltage LED Driver/Current Source 1  2  3  4  5  More ON Semiconductor
APC3216XXX 3.2 X 1.6MM 1206 SMD CHIP LED 1  Kingbright Corporation
LEF-C5002T FULL COLOR LED LAMPS 1  List of Unclassifed Manufacturers
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
STV223XD I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR 1  2  3  4  5  More STMicroelectronics
SI7842DP Dual N-Channel 30-V D-S MOSFET with Schottky Diode 1  2  3  4  5  Vishay Siliconix
ADATE206 500 MHz Dual DCL 1  2  3  4  5  More Analog Devices
CS5421 Dual Out−of−Phase Synchronous Buck Controller with Remote Sense 1  2  3  4  5  More ON Semiconductor
ADP3110A Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1  2  3  4  5  More Analog Devices
NCP3488 MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn