Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX061 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. SX061
Description  1 Mbit/s DQPSK/DBPSK Digital Demodulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SX061 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
WavePlex
Digital Demodulator
User’s Manual
SX061
1 Mbit/s DQPSK/DBPSK
A simple RC section can obtain the analog RSSI value
from the Pulse Width Modulator.
The SX061 also generates an AGC output. This AGC
signal is used to control the gain of the amplifier in the
Radio Unit. This guarantees an optimal quantization of
the incoming signal.
The internal registers of the SX061 are programmed by a
serial interface, which is controlled by the SX043.
The SX061 has a complete PLL inside for the generation
of the internal clock signals. Using a reference crystal
frequency of 2 MHz an internal clock signal from 1.56
MHz up to 100 MHz can be generated.
Figure 3: SX061 - SX043 Interconnections


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn