Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX061 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SX061
Description  1 Mbit/s DQPSK/DBPSK Digital Demodulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SX061 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SX061 Datasheet HTML 13Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 14Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 15Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 16Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 17Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 18Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 19Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 20Page - List of Unclassifed Manufacturers SX061 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
WavePlex
Digital Demodulator
User’s Manual
SX061
1 Mbit/s DQPSK/DBPSK
Designing a Link Using the SX061 and the
SX043/42
Continued
4. Setup the AGC Loop
The AGC loop can be closed and tested now. This has
to be tested using an unmodulated (no spreading/
despreading) carrier.
Note: COMP_SEL register has to be set to 0.
5. Setup the Internal IF Frequency
The IF frequency is selected by programming the
FOFFSET register. This will make the NCO run at the
IF frequency. For a description on how to choose a
value for this register see the NCO section.
To check if there is correlation between the incoming
signal and the internal IF, the RSSI outputs can be
monitored.
6. Setup the RSSI Outputs
By choosing the values of ID_GAIN and PWM_GAIN
the RSSI signal can be scaled. This has to be done in
such a way that the output of the RSSI signal is about
half the output scale (_ * Vdd). The effect on the RSSI
outputs caused by changing the values of ID_GAIN
and
PWM_GAIN
is
as
follows:
Increasing
the
PWM_GAIN register by one, will decrease the RSSI
outputs by a factor two. Increasing the ID_GAIN
register by one, will decrease the RSSI outputs by a
factor four. This is because the I&D outputs are
squared, to deduce an energy level from them. So
dividing them by two results in an energy level divided
by 4. Do not increase the I&D gain value too much
when increasing the PWM_GAIN value is also
possible. This is because increasing the I&D gain value
is like throwing away information (the LSB bits of X and
Y). These bits will also be lost for data demodulation
and carrier tracking.
Note: While the TRACKON signal is low, there is no difference
between RSSI1 and RSSI2.
Choosing another FOFFSET value should result in a
significant decrease in the RSSI output, as indicated by
the I&D transfer graph. This graph shows that when the
frequency of the input signal is equal to Foffset, the
RSSI output is maximal. When the difference between
the input signal and Foffset is 0.5 * Fsymbol, then the
output is minimal. On the top of the first side lobe,
where FIF-Foffset= _ * FSymbol the output is about 5% of
the nominal output.
This is also a check for a correct setup of the internal
NCO.


Similar Part No. - SX061

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01AP HONEYWELL-SX01AP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01AP HONEYWELL-SX01AP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

Similar Description - SX061

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-50051 AMI-AMIS-50051 Datasheet
239Kb / 7P
   Digital Demodulator
logo
Silicon Laboratories
SI2166-D60 SILABS-SI2166-D60 Datasheet
64Kb / 2P
   DVB-S/S2/S2X Digital TV Demodulator
SI21662-B22 SILABS-SI21662-B22 Datasheet
164Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21662-B22 SKYWORKS-SI21662-B22 Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
logo
Silicon Laboratories
SI21662-D60 SILABS-SI21662-D60 Datasheet
64Kb / 2P
   Dual DVB-S/S2/S2X Digital TV Demodulator
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
   Digital QPSK Demodulator
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
   Digital QPSK Demodulator
logo
Skyworks Solutions Inc.
SI21672-B22 SKYWORKS-SI21672-B22 Datasheet
153Kb / 3P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI21672-B22 SILABS-SI21672-B22 Datasheet
166Kb / 2P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com